전자부품 데이터시트 검색엔진 |
|
MC74ACT14MEL 데이터시트(PDF) 1 Page - ON Semiconductor |
|
MC74ACT14MEL 데이터시트(HTML) 1 Page - ON Semiconductor |
1 / 9 page © Semiconductor Components Industries, LLC, 2006 October, 2006 − Rev. 7 1 Publication Order Number: MC74AC14/D MC74AC14, MC74ACT14 Hex Inverter Schmitt Trigger The MC74AC14/74ACT14 contains six logic inverters which accept standard CMOS Input signals (TTL levels for MC74ACT14) and provide standard CMOS output levels. They are capable of transforming slowly changing input signals into sharply defined, jitter−free output signals. In addition, they have a greater noise margin then conventional inverters. The MC74AC14/74ACT14 has hysteresis between the positive−going and negative−going input thresholds (typically 1.0 V) which is determined internally by transistor ratios and is essentially insensitive to temperature and supply voltage variations. Features • Schmitt Trigger Inputs • Outputs Source/Sink 24 mA • ′ACT14 Has TTL Compatible Inputs • Pb−Free Packages are Available MAXIMUM RATINGS Rating Symbol Value Unit DC Supply Voltage (Referenced to GND) VCC −0.5 to +7.0 V DC Input Voltage (Referenced to GND) Vin −0.5 to VCC +0.5 V DC Output Voltage (Referenced to GND) Vout −0.5 to VCC +0.5 V DC Input Current, per Pin Iin ±20 mA DC Output Sink/Source Current, per Pin Iout ±50 mA DC VCC or GND Current per Output Pin ICC ±50 °C Storage Temperature Tstg −65 to +150 mJ Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. SOEIAJ−14 SUFFIX M CASE 965 http://onsemi.com 1 TSSOP−14 SUFFIX DT CASE 948G SOIC−14 SUFFIX D CASE 751A 1 1 14 14 14 PDIP−14 SUFFIX N CASE 646 1 14 See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ORDERING INFORMATION See general marking information in the device marking section on page 5 of this data sheet. DEVICE MARKING INFORMATION 13 14 12 11 10 9 8 2 1 34567 GND VCC (Top View) Figure 1. Pinout: 14−Lead Packages Conductors FUNCTION TABLE Input A Output O L H H L |
유사한 부품 번호 - MC74ACT14MEL |
|
유사한 설명 - MC74ACT14MEL |