전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL2524NA 데이터시트(PDF) 8 Page - Zarlink Semiconductor Inc

부품명 SL2524NA
상세설명  1.3GHz Dual Wideband Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2524NA 데이터시트(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button SL2524NA Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 10Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 11Page - Zarlink Semiconductor Inc SL2524NA Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SL2524
8
Typical characteristics for a dual - stage amplifier (i.e. One SL2524) cont.
Fig.10 Detector current vs frequency at RSET = 200
Ω and 500Ω (25°C)
Typical characteristics for a six stage strip, using detected output (Ref. figs 5 & 6)
Fig.11 Detector bandwidth (25
°C)


유사한 부품 번호 - SL2524NA

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL2524NA MITEL-SL2524NA Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
More results

유사한 설명 - SL2524NA

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL2524 MITEL-SL2524 Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Samsung semiconductor
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
   1.3GHZ DUAL PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com