전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL6619TP1Q 데이터시트(PDF) 10 Page - Zarlink Semiconductor Inc

부품명 SL6619TP1Q
상세설명  Direct Conversion FSK Data Receiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6619TP1Q 데이터시트(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SL6619TP1Q Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 9Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 10Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 11Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 12Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 13Page - Zarlink Semiconductor Inc SL6619TP1Q Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
SL6619 Data Sheet
Figure 3 - AGC schematic
+
+
R13
C34
VREF
R17
RDECAY
C18
CTC
VREF
CURRENT
SOURCE 1
VCC
VREF15mV
32
31
30
100k
VCC1
RF
INPUT
TO RF AMP
SL6619
Figure 4 - AFC schematic
VOLTAGE
REFERENCE
VCC2
0
µA/5µA
5
µA/0µA
AFC
DETECTION
CIRCUIT
C15
CINT 1
C30
CINT 2
VCC2
CVREF
R15
320k
TO VCXO
VARACTOR
DIODE
18
19
24
25
VCC1
R11
C21
C22
SL6619
Table 2 - AFC defining components
3·5
4
4·5
5
5·5
512, 1200, 2400
512, 1200, 2400
512, 1200, 2400
512, 1200, 2400
512, 1200, 2400
750pF
560pF
510pF
470pF
430pF
2·0nF
1·5nF
1·3nF
1·2nF
1·1nF
15k
15k
15k
15k
15k
C22
C21
R11
Component (Fig. 4)
Peak deviation
(kHz)
Baud rate
(bps)


유사한 부품 번호 - SL6619TP1Q

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL6619TP1Q MITEL-SL6619TP1Q Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
More results

유사한 설명 - SL6619TP1Q

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com