전자부품 데이터시트 검색엔진 |
|
MC74LCX02MEL 데이터시트(PDF) 2 Page - ON Semiconductor |
|
MC74LCX02MEL 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 8 page MC74LCX02 http://onsemi.com 2 Figure 1. Pinout: 14−Lead (Top View) Figure 2. Logic Diagram 13 14 12 11 10 9 8 2 1 3 4 567 VCC O2B2 A2 O3B3 A3 O0A0 B0 O1 A1 B1 GND 1 O0 2 A0 3 B0 4 O1 5 A1 6 B1 13 O2 11 A2 12 B2 10 O3 8 A3 9 B3 PIN NAMES Pins Function An, Bn Data Inputs On Outputs TRUTH TABLE Inputs Outputs An Bn On L L H L H L H L L H H L H = High Voltage Level L = Low Voltage Level For ICC reasons, DO NOT FLOAT Inputs MAXIMUM RATINGS Symbol Parameter Value Condition Unit VCC DC Supply Voltage −0.5 to +7.0 V VI DC Input Voltage −0.5 ≤ VI ≤ +7.0 V VO DC Output Voltage −0.5 ≤ VO ≤ VCC + 0.5 Output in HIGH or LOW State (Note 1) V IIK DC Input Diode Current −50 VI < GND mA IOK DC Output Diode Current −50 VO < GND mA +50 VO > VCC mA IO DC Output Source/Sink Current ±50 mA ICC DC Supply Current Per Supply Pin ±100 mA IGND DC Ground Current Per Ground Pin ±100 mA TSTG Storage Temperature Range −65 to +150 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. IO absolute maximum rating must be observed. |
유사한 부품 번호 - MC74LCX02MEL |
|
유사한 설명 - MC74LCX02MEL |