์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74LCX16240 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - ON Semiconductor

๋ถ€ํ’ˆ๋ช… MC74LCX16240
์ƒ์„ธ๋‚ด์šฉ  Low−Voltage CMOS 16−Bit Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Inverting)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ONSEMI [ON Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.onsemi.com
Logo 

MC74LCX16240 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 6 / 8 page
background image
MC74LCX16240
http://onsemi.com
6
WAVEFORM 1 โˆ’ PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
VOH
VOL
Dn
On
tPLH
tPHL
WAVEFORM 2 โˆ’ OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
0 V
OEn
On
tPZH
tPHZ
tPZL
tPLZ
On
Vmo
Vmo
Vmi
Vmi
Vmo
Vmo
Figure 3. AC Waveforms
Vmi
VOH
VHZ
VOL
VCC
VLZ
Table 2. AC WAVEFORMS
Symbol
VCC
3.3 V
ยฑ 0.3 V
2.7 V
2.5 V
+ 0.2 V
Vmi
1.5 V
1.5 V
VCC / 2
Vmo
1.5 V
1.5 V
VCC / 2
VHZ
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
VLZ
VOH โˆ’ 0.3 V
VOH โˆ’ 0.3 V
VOH โˆ’ 015 V
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
6 V or VCC ร— 2
GND
Figure 4. Test Circuit
Table 3. TEST CIRCUIT
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V at VCC = 3.3 0.3 V
6 V at VCC = 2.5 0.2 V
Open Collector/Drain tPLH and tPHL
6 V
tPZH, tPHZ
GND
CL = 50 pF at VCC = 3.3 0.3 V or equivalent (includes jig and probe capacitance)
CL = 30 pF at VCC = 2.5 0.2 V or equivalent (includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)


Html Pages

1  2  3  4  5  6  7  8 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
MC74LCX240_06Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX540_05Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX244_07Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX541_05Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX125_05Low-Voltage CMOS Quad Buffer With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX245_05Low-Voltage CMOS Octal Transceiver With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX258Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX374_05Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX573_05Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX574_05Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn