전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL072L-D08-T 데이터시트(PDF) 10 Page - Unisonic Technologies

부품명 TL072L-D08-T
상세설명  LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL072L-D08-T 데이터시트(HTML) 10 Page - Unisonic Technologies

Back Button TL072L-D08-T Datasheet HTML 3Page - Unisonic Technologies TL072L-D08-T Datasheet HTML 4Page - Unisonic Technologies TL072L-D08-T Datasheet HTML 5Page - Unisonic Technologies TL072L-D08-T Datasheet HTML 6Page - Unisonic Technologies TL072L-D08-T Datasheet HTML 7Page - Unisonic Technologies TL072L-D08-T Datasheet HTML 8Page - Unisonic Technologies TL072L-D08-T Datasheet HTML 9Page - Unisonic Technologies TL072L-D08-T Datasheet HTML 10Page - Unisonic Technologies TL072L-D08-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TL072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R105-004,E
TYPICAL CHARACTERISTICS(Cont.)
Input Bias Current versus Free Air
Temperature
-50
100
0.1
125
75
0.01
Temperature (℃)
1
0
-25
10
Large Signal Differential Voltage
Amplification versus Free Air Temperature
-75
1000
2
125
75
10
400
1
0
Temperature (℃)
40
50
-50
100
100
25
-25
100
50
25
VCC = ±15V
VCC = ±15V
VOUT = ±10V
RL = 2kΩ
4
20
200
Large Signal Differential Voltage Amplification
and Phase Shift versus Frequency
100
100
0
10M
Frequency (Hz)
90
1k
Total Power Dissipation versus Free Air
Temperature
-75
250
25
125
75
75
225
0
0
Temperature (℃)
125
50
-50
175
1M
25
-25
100
100k
10k
VCC = ±15V
No signal
No load
50
100
200
RL = 2kΩ
CL = 100pF
VCC = ±15V
Ta = +125℃
100
1
10
Phase Shift
(right scale)
Differential Voltage
Amplification
(left scale)
150
Supply Current Per Amplifier versus Free Air
Temperature
-75
125
Temperature (℃)
-50
Total Power Dissipation versus Free Air
Temperature
-75
89
84
125
75
85
83
0
Temperature (℃)
86
50
-50
87
75
25
-25
100
50
0
88
1.6
1.0
100
25
-25
VCC = ±15V
No signal
No load
1.4
1.2
1.8
2.0
0.8
0.6
0.4
0.2
0
RL = 10kΩ
VCC = ±15V


유사한 부품 번호 - TL072L-D08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL072L-D08-T UTC-TL072L-D08-T Datasheet
154Kb / 9P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
More results

유사한 설명 - TL072L-D08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL072 UTC-TL072_15 Datasheet
154Kb / 9P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
   LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072MF-DAA RENESAS-UPC4072MF-DAA Datasheet
292Kb / 9P
   J-FET Input Low-Noise Dual Operational amplifier
Jul 25, 2012
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
   LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com