전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4016BC 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 CD4016BC
상세설명  Quad Bilateral Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4016BC 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  CD4016BC_02 Datasheet HTML 1Page - Fairchild Semiconductor CD4016BC_02 Datasheet HTML 2Page - Fairchild Semiconductor CD4016BC_02 Datasheet HTML 3Page - Fairchild Semiconductor CD4016BC_02 Datasheet HTML 4Page - Fairchild Semiconductor CD4016BC_02 Datasheet HTML 5Page - Fairchild Semiconductor CD4016BC_02 Datasheet HTML 6Page - Fairchild Semiconductor CD4016BC_02 Datasheet HTML 7Page - Fairchild Semiconductor CD4016BC_02 Datasheet HTML 8Page - Fairchild Semiconductor CD4016BC_02 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Typical Applications
4 Input Multiplexer
Sample/Hold Amplifier
Special Considerations
The CD4016B is composed of 4, two-transistor analog
switches. These switches do not have any linearization or
compensation circuitry for “RON” as do the CD4066B's.
Because of this, the special operating considerations for
the CD4066B do not apply to the CD4016B, but at low sup-
ply voltages,
≤5V, the CD4016B's On Resistance becomes
non-linear. It is recommended that at 5V, voltages on the
in/out pins be maintained within about 1V of either VDD or
VSS; and that at 3V the voltages on the in/out pins should
be at VDD or VSS for reliable operation.


유사한 부품 번호 - CD4016BC_02

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4016BCM FAIRCHILD-CD4016BCM Datasheet
93Kb / 9P
   Quad Bilateral Switch
CD4016BCN FAIRCHILD-CD4016BCN Datasheet
93Kb / 9P
   Quad Bilateral Switch
More results

유사한 설명 - CD4016BC_02

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com