전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2655L-X-T9N-B 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 2SC2655L-X-T9N-B
상세설명  POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2655L-X-T9N-B 데이터시트(HTML) 1 Page - Unisonic Technologies

  2SC2655L-X-T9N-B Datasheet HTML 1Page - Unisonic Technologies 2SC2655L-X-T9N-B Datasheet HTML 2Page - Unisonic Technologies 2SC2655L-X-T9N-B Datasheet HTML 3Page - Unisonic Technologies 2SC2655L-X-T9N-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC2655
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R211-013,C
POWER AMPLIFIER APPLICATIONS
POWER SWITCHING APPLICATIONS
FEATURES
*Low saturation voltage
VCE(SAT)= 0.5V (Max.)
*High speed switching time
tstg=1.0µs (Typ.)
TO-92NL
1
*Pb-free plating product number: 2SC2655L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SC2655-x-T9N-B
2SC2655L-x-T9N-B
TO-92NL
E
C
B
Tape Box
2SC2655-x-T9N-K
2SC2655L-x-T9N-K
TO-92NL
E
C
B
Bulk
2SC2655-x-T9N-R
2SC2655L-x-T9N-R
TO-92NL
E
C
B
Tape Reel
2C2655L-x-T9N-K
(1)Packing Type
(2)Package Type
(4)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) T9N: TO-92NL
(4) L: Lead Free Plating, Blank: Pb/Sn
(3) refer to Classification of hFE(1)
(3)Rank


유사한 부품 번호 - 2SC2655L-X-T9N-B

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SC2655L-X-T9N-B UTC-2SC2655L-X-T9N-B Datasheet
210Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
2SC2655L-X-T9N-B UTC-2SC2655L-X-T9N-B Datasheet
259Kb / 4P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
More results

유사한 설명 - 2SC2655L-X-T9N-B

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
   Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
   Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power switching applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com