전자부품 데이터시트 검색엔진 |
|
MC100EP16VS 데이터시트(PDF) 4 Page - ON Semiconductor |
|
MC100EP16VS 데이터시트(HTML) 4 Page - ON Semiconductor |
4 / 12 page MC100EP16VS http://onsemi.com 4 Table 4. DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 2) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 30 36 42 31 38 44 32 40 48 mA VOH Output HIGH Voltage (Max Swing) (Note 3) VCC ≥ VCTRL ≥ VEE 2155 2405 2155 2405 2155 2405 mV VOL Output LOW Voltage (Max Swing) (Note 3) VCTRL ≤ VBB 1355 1490 1605 1355 1520 1605 1355 1520 1605 mV VCC ≥ VCTRL > VBB See Fig.2 See Fig.2 See Fig.2 VCTRL = VCC (Min Swing) 2105 2230 2355 2095 2220 2345 2065 2190 2315 VIH D, D Input HIGH Voltage (Single−Ended) 2075 2420 2075 2420 2075 2420 mV VIL D, D Input LOW Voltage (Single−Ended) 1355 1675 1355 1675 1355 1675 mV VBB Output Voltage Reference 1805 1905 2005 1805 1905 2005 1805 1905 2005 mV VCTRL Input Voltage (VCTRL) VEE VCC VEE VCC VEE VCC mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 4) 2.0 2.9 2.0 2.9 2.0 2.9 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V. 3. All loading with 50 W to VCC − 2.0 V. VOH does not change with VCTRL. VOL changes with VCTRL. VCTRL is referenced to VCC. 4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
유사한 부품 번호 - MC100EP16VS |
|
유사한 설명 - MC100EP16VS |