전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY329-1700S 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BY329-1700S
상세설명  Damper diode fast, high-voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY329-1700S 데이터시트(HTML) 3 Page - NXP Semiconductors

  BY329-1700S Datasheet HTML 1Page - NXP Semiconductors BY329-1700S Datasheet HTML 2Page - NXP Semiconductors BY329-1700S Datasheet HTML 3Page - NXP Semiconductors BY329-1700S Datasheet HTML 4Page - NXP Semiconductors BY329-1700S Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
Damper diode
BY329-1700S
fast, high-voltage
Fig.1. Definition of Vfr and tfr
Fig.2. Definition of t
rr and Qs
Fig.3. Basic horizontal deflection circuit.
Fig.4. Maximum allowable pulse width t
p versus line
frequency; Basic horizontal deflection circuit.
Fig.5. BY329-1700S Typical and maximum forward
characteristic I
F = f(VF); parameter Tj
Fig.6. Transient thermal impedance Z
th = f(tp)
time
time
V F
V
fr
V F
I
F
10%
5V
tfr
10
100
1
10
100
BY459X-1500
line frequency / kHz
Maximum pulse width / us
V
time
VRRM
width tp
period T
pulse
100%
time
dI
dt
F
I
R
I
F
trr
25%
Qs
0
0.5
1
1.5
2
0
10
20
30
VF / V
IF / A
BY329S17
Tj = 125 C
Tj = 25 C
typ
max
Line output transformer
VCC
D1
LY
Cs
Cf
deflection transistor
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BY229
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
September 1998
3
Rev 1.100


유사한 부품 번호 - BY329-1700S

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329-1200 PHILIPS-BY329-1200 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
List of Unclassifed Man...
BY329-1200 ETC2-BY329-1200 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Inchange Semiconductor ...
BY329-1200 ISC-BY329-1200 Datasheet
335Kb / 2P
   Ultrafast Rectifier
logo
NXP Semiconductors
BY329-1500 PHILIPS-BY329-1500 Datasheet
36Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results

유사한 설명 - BY329-1700S

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
BY479X-1700 PHILIPS-BY479X-1700 Datasheet
42Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.200
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com