전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY329X 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BY329X
상세설명  Rectifier diodes fast, soft-recovery
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY329X 데이터시트(HTML) 4 Page - NXP Semiconductors

  BY329X Datasheet HTML 1Page - NXP Semiconductors BY329X Datasheet HTML 2Page - NXP Semiconductors BY329X Datasheet HTML 3Page - NXP Semiconductors BY329X Datasheet HTML 4Page - NXP Semiconductors BY329X Datasheet HTML 5Page - NXP Semiconductors BY329X Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY329X series
fast, soft-recovery
Fig.7. Maximum t
rr measured to 25% of Irrm; Tj = 25˚C
and 150˚C
Fig.8. Typical junction capacitance C
d at f = 1 MHz;
T
j = 25˚C
Fig.9. Transient thermal impedance Z
th = f(tp)
1
10
100
BY329
-dIF/dt (A/us)
trr / ns
1000
100
10
1 A
IF = 10 A
Tj = 150 C
Tj = 25 C
10A
1A
Zth j-hs / (K/W)
10
1
0.1
0.01
10us
100us
1ms
10ms
0.1s
1s
10s
tp / s
P
tp
t
D
1
100
100
10
1
10
1000
BY329
Cd / pF
VR / V
May 1995
4
Rev 1.000


유사한 부품 번호 - BY329X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY329X PHILIPS-BY329X Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY329X-1000 PHILIPS-BY329X-1000 Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY329X-1200 PHILIPS-BY329X-1200 Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
More results

유사한 설명 - BY329X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY229F PHILIPS-BY229F Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329F PHILIPS-BY329F Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY229 PHILIPS-BY229 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com