전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL594 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 TL594
상세설명  Precision Switchmode Pulse Width Modulation Control Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL594 데이터시트(HTML) 5 Page - ON Semiconductor

  TL594 Datasheet HTML 1Page - ON Semiconductor TL594 Datasheet HTML 2Page - ON Semiconductor TL594 Datasheet HTML 3Page - ON Semiconductor TL594 Datasheet HTML 4Page - ON Semiconductor TL594 Datasheet HTML 5Page - ON Semiconductor TL594 Datasheet HTML 6Page - ON Semiconductor TL594 Datasheet HTML 7Page - ON Semiconductor TL594 Datasheet HTML 8Page - ON Semiconductor TL594 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TL594
http://onsemi.com
5
APPLICATIONS INFORMATION
Description
The TL594 is a fixed−frequency pulse width modulation
control circuit, incorporating the primary building blocks
required for the control of a switching power supply. (See
Figure 1) An internal−linear sawtooth oscillator is frequency−
programmable by two external components, RT and CT. The
approximate oscillator frequency is determined by:
fosc
1.1
RT • CT
For more information refer to Figure 3.
Output pulse width modulation is accomplished by
comparison of the positive sawtooth waveform across
capacitor CT to either of two control signals. The NOR gates,
which drive output transistors Q1 and Q2, are enabled only
when the flip−flop clock−input line is in its low state. This
happens only during that portion of time when the sawtooth
voltage is greater than the control signals. Therefore, an
increase in control−signal amplitude causes a corresponding
linear decrease of output pulse width. (Refer to the Timing
Diagram shown in Figure 2.)
The control signals are external inputs that can be fed into
the deadtime control, the error amplifier inputs, or the
feedback input. The deadtime control comparator has an
effective 120 mV input offset which limits the minimum
output deadtime to approximately the first 4% of the
sawtooth−cycle time. This would result in a maximum duty
cycle on a given output of 96% with the output control
grounded, and 48% with it connected to the reference line.
Additional deadtime may be imposed on the output by
setting the deadtime−control input to a fixed voltage,
ranging between 0 V to 3.3 V.
The pulse width modulator comparator provides a means
for the error amplifiers to adjust the output pulse width from
the maximum percent on−time, established by the deadtime
control input, down to zero, as the voltage at the feedback
pin varies from 0.5 V to 3.5 V. Both error amplifiers have a
common−mode input range from −0.3 V to (VCC − 2 V), and
may be used to sense power−supply output voltage and
current. The error−amplifier outputs are active high and are
ORed together at the noninverting input of the pulse−width
modulator comparator. With this configuration, the
amplifier that demands minimum output on time, dominates
control of the loop.
Functional Table
Input/Output
Controls
Output Function
fout
fosc =
Grounded
Single−ended PWM @ Q1 and Q2
1.0
@ Vref
Push−pull Operation
0.5
When capacitor CT is discharged, a positive pulse is
generated on the output of the deadtime comparator, which
clocks the pulse−steering flip−flop and inhibits the output
transistors, Q1 and Q2. With the output−control connected
to the reference line, the pulse−steering flip−flop directs the
modulated pulses to each of the two output transistors
alternately for push−pull operation. The output frequency is
equal to half that of the oscillator. Output drive can also be
taken from Q1 or Q2, when single−ended operation with a
maximum on−time of less than 50% is required. This is
desirable when the output transformer has a ringback
winding with a catch diode used for snubbing. When higher
output−drive currents are required for single−ended
operation, Q1 and Q2 may be connected in parallel, and the
output−mode pin must be tied to ground to disable the
flip−flop. The output frequency will now be equal to that of
the oscillator.
The TL594 has an internal 5.0 V reference capable of
sourcing up to 10 mA of load current for external bias
circuits. The reference has an internal accuracy of
±1.5%
with a typical thermal drift of less than 50 mV over an
operating temperature range of 0
° to 70°C.
Figure 3. Oscillator Frequency versus
Timing Resistance
1.0 k 2.0 k 5.0 k
10 k
20 k 50 k
100 k 200 k
500 k 1.0 M
RT, TIMING RESISTANCE (W)
CT = 0.001 mF
VCC = 15 V
0.01
mF
0.1
mF
Figure 4. Open Loop Voltage Gain and
Phase versus Frequency
1.0
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
AVOL
0
20
40
60
80
100
120
140
160
180
φ
VCC = 15 V
DVO = 3.0 V
RL = 2.0 kW
500 k
100 k
10 k
1.0 k
500
120
110
100
90
80
70
60
50
40
30
20
10
0


유사한 부품 번호 - TL594

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL594 TI-TL594 Datasheet
418Kb / 16P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL594 TI-TL594 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

유사한 설명 - TL594

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com