전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C23LI-GT3 데이터시트(PDF) 4 Page - Catalyst Semiconductor

부품명 CAT24C23LI-GT3
상세설명  32-Kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C23LI-GT3 데이터시트(HTML) 4 Page - Catalyst Semiconductor

  CAT24C23LI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C23LI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CAT24C32
4
Doc. No. 1101, Rev. G
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
POWER-ON RESET (POR)
Each CAT24C32 incorporates Power-On Reset (POR)
circuitry which protects the internal logic against powering
up in the wrong state. The device will power up into
Standby mode after VCC exceeds the POR trigger level
and will power down into Reset mode when VCC drops
below the POR trigger level. This bi-directional POR
behavior protects the device against ‘brown-out’ failure
following a temporary loss of power.
PIN DESCRIPTION
SCL: The Serial Clock input pin accepts the clock signal
generated by the Master.
SDA: The Serial Data I/O pin accepts input data and
delivers output data. In transmit mode, this pin is open
drain. Data is acquired on the positive edge, and is
delivered on the negative edge of SCL.
A0, A1 and A2: The Address inputs set the device ad-
dress that must be matched by the corresponding Slave
address bits. The Address inputs are hard-wired HIGH
or LOW allowing for up to eight devices to be used
(cascaded) on the same bus. When left floating, these
pins are pulled LOW internally.
WP: When pulled HIGH, the Write Protect input pin
inhibits all write operations. When left floating, this pin
is pulled LOW internally.
FUNCTIONAL DESCRIPTION
The CAT24C32 supports the Inter-Integrated Circuit
(I2C) Bus protocol. The protocol relies on the use of a
Master device, which provides the clock and directs bus
traffic, and Slave devices which execute requests. The
CAT24C32 operates as a Slave device. Both Master
and Slave can transmit or receive, but only the Master
can assign those roles.
I2C BUS PROTOCOL
The 2-wire I2C bus consists of two lines, SCL and SDA,
connected to the VCC supply via pull-up resistors. The
Master provides the clock to the SCL line, and either the
Master or the Slaves drive the SDAline.A‘0’is transmitted
by pulling a line LOW and a ‘1’ by letting it stay HIGH.
Data transfer may be initiated only when the bus is not
busy (see A.C. Characteristics). During data transfer,
SDA must remain stable while SCL is HIGH.
START/STOP Condition
An SDA transition while SCL is HIGH creates a START
or STOP condition (Figure 1). The START consists of a
HIGH to LOW SDAtransition, while SCLis HIGH.Absent
the START, a Slave will not respond to the Master. The
STOP completes all commands, and consists of a LOW
to HIGH SDA transition, while SCL is HIGH.
Device Addressing
The Master addresses a Slave by creating a START
condition and then broadcasting an 8-bit Slave address.
For the CAT24C32, the first four bits of the Slave address
are set to 1010 (Ah); the next three bits, A2, A1 and A0,
must match the logic state of the similarly named input
pins. The R/W
pins. The R/
pins. The R/
bit tells the Slave whether the Master
W
W
intends to read (1) or write (0) data (Figure 2).
Acknowledge
During the 9th clock cycle following every byte sent to
the bus, the transmitter releases the SDA line, allow-
ing the receiver to respond. The receiver then either
acknowledges (ACK) by pulling SDA LOW, or does not
acknowledge (NoACK) by letting SDAstay HIGH (Figure
3). Bus timing is illustrated in Figure 4.


유사한 부품 번호 - CAT24C23LI-GT3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C208 CATALYST-CAT24C208 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208 ONSEMI-CAT24C208 Datasheet
134Kb / 10P
   8 kb Dual Port Serial EEPROM
September, 2009 ??Rev. 6
CAT24C208 ONSEMI-CAT24C208 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
logo
Catalyst Semiconductor
CAT24C208WI-GT3 CATALYST-CAT24C208WI-GT3 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208WI-GT3 ONSEMI-CAT24C208WI-GT3 Datasheet
134Kb / 10P
   8 kb Dual Port Serial EEPROM
September, 2009 ??Rev. 6
More results

유사한 설명 - CAT24C23LI-GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com