전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24FC256JITE13 데이터시트(PDF) 9 Page - Catalyst Semiconductor

부품명 CAT24FC256JITE13
상세설명  256K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC256JITE13 데이터시트(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT24FC256JITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC256JITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC256JITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC256JITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC256JITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC256JITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC256JITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24FC256JITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24FC256JITE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Discontinued
Part
CAT24FC256
9
Doc. No. 1040, Rev. K
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE OUTLINES
Notes:
1.
Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
8–LEAD 300 MIL WIDE PLASTIC DIP (P, L, GL)
0.180 (4.57) MAX
0.015 (0.38)
0.100 (2.54)
BSC
0.014 (0.36)
0.022 (0.56)
0.245 (6.17)
0.295 (7.49)
0.045 (1.14)
0.060 (1.52)
0.110 (2.79)
0.150 (3.81)
0.120 (3.05)
0.150 (3.81)
0.300 (7.62)
0.325 (8.26)
0.310 (7.87)
0.380 (9.65)
0.355 (9.02)
0.400 (10.16)


유사한 부품 번호 - CAT24FC256JITE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC256JI CATALYST-CAT24FC256JI Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results

유사한 설명 - CAT24FC256JITE13

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com