전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C16LIT3 데이터시트(PDF) 8 Page - Catalyst Semiconductor

부품명 CAT24C16LIT3
상세설명  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C16LIT3 데이터시트(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT24C16LIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C16LIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C16LIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C16LIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C16LIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C16LIT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C16LIT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C16LIT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C16LIT3 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CAT24C01/02/04/08/16
8
Doc. No. 1115, Rev. C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READ OPERATIONS
Immediate Read
Upon receiving a Slave address with the R/W bit set
to ‘1’, the CAT24Cxx will interpret this as a request for
data residing at the current byte address in memory.
The CAT24Cxx will acknowledge the Slave address,
will immediately shift out the data residing at the current
address, and will then wait for the Master to respond.
If the Master does not acknowledge the data (NoACK)
and then follows up with a STOP condition (Figure 9),
the CAT24Cxx returns to Standby mode.
Selective Read
Selective Read operations allow the Master device to
select at random any memory location for a read opera-
tion. The Master device first performs a ‘dummy’ write
operation by sending the START condition, slave ad-
dress and byte address of the location it wishes to read.
After the CAT24Cxx acknowledges the byte address,
the Master device resends the START condition and
the slave address, this time with the R/W bit set to one.
The CAT24Cxx then responds with its acknowledge and
sends the requested data byte. The Master device does
not acknowledge the data (NoACK) but will generate a
STOP condition (Figure 10).
Sequential Read
If during a Read session, the Master acknowledges the 1st
data byte, then the CAT24Cxx will continue transmitting
data residing at subsequent locations until the Master
responds with a NoACK, followed by a STOP (Figure
11). In contrast to Page Write, during Sequential Read
the address count will automatically increment to and
then wrap-around at end of memory (rather than end
of page). In the CAT24C01, the internal address count
will not wrap around at the end of the 128 byte memory
space.


유사한 부품 번호 - CAT24C16LIT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C16LI-G ONSEMI-CAT24C16LI-G Datasheet
247Kb / 22P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial
July, 2013 ??Rev. 27
CAT24C16LI-G ONSEMI-CAT24C16LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
CAT24C16LI-GT3 ONSEMI-CAT24C16LI-GT3 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C16LI-T3 ONSEMI-CAT24C16LI-T3 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C16LI.G ONSEMI-CAT24C16LI.G Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
More results

유사한 설명 - CAT24C16LIT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com