전자부품 데이터시트 검색엔진 |
|
CAT28C257NA-15T 데이터시트(PDF) 8 Page - Catalyst Semiconductor |
|
CAT28C257NA-15T 데이터시트(HTML) 8 Page - Catalyst Semiconductor |
8 / 12 page CAT28C257 8 Doc. No. 1015, Rev. D WE CE OE I/O6 tOEH tOE tOES tWC (1) (1) ADDRESS CE WE OE I/O7 DIN = X DOUT = X DOUT = X tOE tOEH tWC tOES DATA Polling DATA polling is provided to indicate the completion of write cycle. Once a byte write or page write cycle is initiated, attempting to read the last byte written will output the complement of that data on I/O7 (I/O0–I/O6 are indeterminate) until the programming cycle is complete. Upon completion of the self-timed write cycle, all I/O’s will output true data during a read cycle. Toggle Bit In addition to the DATA Polling feature of the CAT28C257, the device offers an additional method for determining the completion of a write cycle. While a write cycle is in progress, reading data from the device will result in I/O6 toggling between one and zero. However, once the write is complete, I/O6 stops toggling and valid data can be read from the device. Figure 7. DATA Polling Figure 8. Toggle Bit Note: (1) Beginning and ending state of I/O6 is indeterminate. |
유사한 부품 번호 - CAT28C257NA-15T |
|
유사한 설명 - CAT28C257NA-15T |