전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY459-1500 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BY459-1500
상세설명  Damper diode fast, high-voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY459-1500 데이터시트(HTML) 2 Page - NXP Semiconductors

  BY459-1500 Datasheet HTML 1Page - NXP Semiconductors BY459-1500 Datasheet HTML 2Page - NXP Semiconductors BY459-1500 Datasheet HTML 3Page - NXP Semiconductors BY459-1500 Datasheet HTML 4Page - NXP Semiconductors BY459-1500 Datasheet HTML 5Page - NXP Semiconductors BY459-1500 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Damper diode
BY459-1500, BY459-1500S
fast, high-voltage
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
1.5
K/W
mounting base
R
th j-a
Thermal resistance junction to in free air
-
60
-
K/W
ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
BY459 1500
1500S 1500 1500S
V
F
Forward voltage
I
F = 6.5 A
0.95
1.05
1.30
1.35
V
I
F = 6.5 A; Tj = 125 ˚C
0.85
0.95
1.20
1.25
V
I
R
Reverse current
V
R = 1300 V
-
250
-
250
µA
V
R = 1300 V; Tj = 125 ˚C
-
1
-
1
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
BY459 1500 1500S
1500
1500S
t
rr
Reverse recovery time
I
F = 1 A, VR ≥ 30 V;
0.25
0.17
0.35
0.22
µs
Q
s
Reverse recovery charge
I
F = 2 A, -dIF/dt = 20 A/µs
2.0
0.70
3.0
0.95
µC
V
fr
Peak forward recovery voltage
I
F = 6.5A, dIF/dt = 50A/µs
8.0
11.0
14.0
19.0
V
t
fr
Forward recovery time
I
F = 6.5A, dIF/dt = 50A/µs
170
200
250
300
ns
September 1998
2
Rev 1.100


유사한 부품 번호 - BY459-1500

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500S PHILIPS-BY459-1500S Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results

유사한 설명 - BY459-1500

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
BY479X-1700 PHILIPS-BY479X-1700 Datasheet
42Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.200
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com