전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24WC33XTE13B 데이터시트(PDF) 3 Page - Catalyst Semiconductor

부품명 CAT24WC33XTE13B
상세설명  32K/64K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC33XTE13B 데이터시트(HTML) 3 Page - Catalyst Semiconductor

  CAT24WC33XTE13B Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC33XTE13B Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC33XTE13B Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC33XTE13B Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC33XTE13B Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC33XTE13B Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC33XTE13B Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC33XTE13B Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC33XTE13B Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Discontinued
Parts
CAT24WC33/65
3
Doc No. 1049, Rev. D
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
A.C. CHARACTERISTICS
VCC = +1.8V to +5.5V, unless otherwise specified
Output Load is 1 TTL Gate and 100pF
Read & Write Cycle Limits
Power-Up Timing (1)(2)
Symbol
Parameter
Max.
Units
tPUR
Power-Up to Read Operation
1
ms
tPUW
Power-Up to Write Operation
1
ms
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Write Cycle Limits
Symbol
Parameter
Min.
Typ.
Max
Units
tWR
Write Cycle Time
10
ms
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
8
.
1
-
X
X
C
W
4
2
T
A
CX
X
C
W
4
2
T
A
C
s
t
i
n
U
V
5
.
5
-
V
8
.
1V
5
.
5
-
V
5
.
2V
5
.
5
-
V
5
.
4
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
F
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C0
0
10
0
10
0
4z
H
k
TI
)
1
(
t
a
t
n
a
t
s
n
o
C
e
m
i
T
n
o
i
s
s
e
r
p
p
u
S
e
s
i
o
N
s
t
u
p
n
I
A
D
S
,
L
C
S
0
0
20
0
20
0
2s
n
t A
A
K
C
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
L
C
S
t
u
O
5
.
35
.
31
µs
t
F
U
B
)
1
(
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
M
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
n
o
i
s
s
i
m
s
n
a
r
T
w
e
N
a
7
.
47
.
42
.
1
µs
t
A
T
S
:
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S4
4
6
.
0
µs
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C7
.
47
.
42
.
1
µs
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C4
4
6
.
0
µs
t
A
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S
)
n
o
i
t
i
d
n
o
C
t
r
a
t
S
d
e
t
a
e
p
e
R
a
r
o
f
(
7
.
47
.
46
.
0
µs
t
T
A
D
:
D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D0
0
0
s
n
t
T
A
D
:
U
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D0
50
50
5s
n
tR
)
1
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S1
1
3
.
0
µs
tF
)
1
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S0
0
30
0
30
0
3s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S4
4
6
.
0
µs
t H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
0
10
0
10
0
1s
n


유사한 부품 번호 - CAT24WC33XTE13B

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33J-1.8TE13 CATALYST-CAT24WC33J-1.8TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33J-TE13 CATALYST-CAT24WC33J-TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33JA-1.8TE13 CATALYST-CAT24WC33JA-1.8TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33JA-TE13 CATALYST-CAT24WC33JA-TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results

유사한 설명 - CAT24WC33XTE13B

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com