전자부품 데이터시트 검색엔진 |
|
CAT24WC04RETE13F 데이터시트(PDF) 11 Page - Catalyst Semiconductor |
|
CAT24WC04RETE13F 데이터시트(HTML) 11 Page - Catalyst Semiconductor |
11 / 14 page CAT24WC01/02/04/08/16 11 Doc. No. 1022, Rev. N © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice 8 LEAD MSOP (R, Z, GZ) 0.0150 0.0110 0.38 0.28 0.1970 0.1890 5.00 4.80 S 0.0256 [0.65] BSC 0.1220 0.1142 3.10 2.90 0.0433 [1.10] MAX. 0.039 [0.10] MAX. S 0.0059 0.0020 0.15 0.05 S 0.0374 0.0295 0.95 0.75 0.0276 0.0157 0.70 0.40 0.1220 0.1142 3.10 2.90 0˚ - 6˚ 0.0091 0.0051 0.23 0.13 0.0118 [0.30] REF. BASE METAL 0.0050 [0.127] 0.0150 0.0110 0.38 0.28 WITH PLATING SECTION A - A WITH PLATING Notes: (1) All dimensions are in mm Angles in degrees. 2 Does not include Mold Flash, Protrusion or Gate Burrs. Mold Flash, Protrusions or Gate Burrs shall not exceed 0.15 mm. per side. 3 Does not include Interlead Flash orProtrusion. Interlead Flash or Protrusion shall not exceed 0.25 mm per side. 4 Does not include Dambar Protrusion, allowable Dambar Protrusion shall be 0.08 mm. (5) This part is compliant with JEDEC Specification MO-187 Variations AA. (6) Lead span/stand off height/coplanarity are considered as special characteristics. (S) (7) Controlling dimensions in inches. [mm] |
유사한 부품 번호 - CAT24WC04RETE13F |
|
유사한 설명 - CAT24WC04RETE13F |