전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A2TPMI336IRAG9OCA 데이터시트(PDF) 15 Page - PerkinElmer Optoelectronics

부품명 A2TPMI336IRAG9OCA
상세설명  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI336IRAG9OCA 데이터시트(HTML) 15 Page - PerkinElmer Optoelectronics

Back Button A2TPMI336IRAG9OCA Datasheet HTML 11Page - PerkinElmer Optoelectronics A2TPMI336IRAG9OCA Datasheet HTML 12Page - PerkinElmer Optoelectronics A2TPMI336IRAG9OCA Datasheet HTML 13Page - PerkinElmer Optoelectronics A2TPMI336IRAG9OCA Datasheet HTML 14Page - PerkinElmer Optoelectronics A2TPMI336IRAG9OCA Datasheet HTML 15Page - PerkinElmer Optoelectronics A2TPMI336IRAG9OCA Datasheet HTML 16Page - PerkinElmer Optoelectronics A2TPMI336IRAG9OCA Datasheet HTML 17Page - PerkinElmer Optoelectronics A2TPMI336IRAG9OCA Datasheet HTML 18Page - PerkinElmer Optoelectronics A2TPMI336IRAG9OCA Datasheet HTML 19Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 15 of 21
Rev. Oct 2003
Packaging Information
TO39 with Standard cap (C4):
A2TPMI 334
TO 39 with 5.5mm focal length Si lens
(L5.5):
A2TPMI 334-L5.5
TO39 with high cap and int. reflector
(C6 IRA):
A2TPMI 336 IRA
TO39 with low cap and square hole (C7)
A2TPMI 337
8.25 max
Æ 5.84
22.5°
45°
9.3 max
Æ0.41 0.48
Æ 5.0 5.6
0.81 ± 0.15
0.89 ± 0.15
6 ± 1
13.35 13.75
0.7 ± 0.2
1.9 ± 0.1
sensor surface
8.25 max
Æ 5.84
22.5°
45°
9.3 max
Æ0.41 0.48
3.2 3.6
0.81 ± 0.15
0.89 ± 0.15
6 ± 1
3.05 3.4
0.7 ± 0.2
1.15 ± 0.2
sensor surface
Æ1.4 max
0.3 max
Æ 5.84
8.2 max
22.5°
45°
9.3 max
8.25 ± 0.2
Æ0.41 – 0.48
Æ 5.5
0.81 ± 0.15
0.89 ± 0.15
6 ± 1
sensor surface
1.9 ± 0.1
8.2 max
22.5°
45°
9.3 max
0.5
4.2 ± 0.2
Æ 6.5 max
Æ 0.41 – 0.48
Æ 2.5
0.81 ± 0.15
0.89 ± 0.15
6 ± 1
Æ 5.84


유사한 부품 번호 - A2TPMI336IRAG9OCA

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

유사한 설명 - A2TPMI336IRAG9OCA

제조업체부품명데이터시트상세설명
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com