전자부품 데이터시트 검색엔진 |
|
MC10175L 데이터시트(PDF) 3 Page - ON Semiconductor |
|
MC10175L 데이터시트(HTML) 3 Page - ON Semiconductor |
3 / 8 page MC10175 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (continued) TEST VOLTAGE VALUES (Volts) @ Test Temperature VIHmax VILmin VIHAmin VILAmax VEE –30 °C –0.890 –1.890 –1.205 –1.500 –5.2 +25 °C –0.810 –1.850 –1.105 –1.475 –5.2 +85 °C –0.700 –1.825 –1.035 –1.440 –5.2 Pin Under TEST VOLTAGE APPLIED TO PINS LISTED BELOW (V ) Characteristic Symbol Under Test VIHmax VILmin VIHAmin VILAmax VEE (VCC) Gnd Power Supply Drain Current IE 8 8 1, 16 Input Current IinH 6 7 10 11 6 7 10 11 8 8 8 8 1, 16 1, 16 1, 16 1, 16 IinL All Note 1. 8 1, 16 Output Voltage Logic 1 VOH 14 15 10 12 6 6 8 8 1, 16 1, 16 Output Voltage Logic 0 VOL 14 15 6, 10 6, 12 8 8 1, 16 1, 16 Threshold Voltage Logic 1 VOHA 14 15 6 6 10 12 8 8 1, 16 1, 16 Threshold Voltage Logic 0 VOLA 14 15 6 6 10 12 8 8 1, 16 1, 16 Switching Times (50 Ω Load) +1.11V +0.31V Pulse In Pulse Out –3.2 V +2.0 V Data Input t10+14+ t10–14– 14 14 6, 7 6, 7 10 10 14 14 8 8 1, 16 1, 16 Clock Input t6–14+ t6–14– 14 14 7 7 10, 6 10, 6 14 14 8 8 1, 16 1, 16 Reset Input t11+4– t11+14– 4 14 5 10 6 6 7, 11 7, 11 4 (2.) 14 (2.) 8 8 1, 16 1, 16 Setup TIme Hold Time tsetup thold 14 14 7 7 6, 10 6, 10 14 14 8 8 1, 16 1, 16 Rise Time (20 to 80%) t+ 14 6, 7 10 14 8 1, 16 Fall Time (20 to 80%) t– 14 6, 7 10 14 8 1, 16 1. Individually test each input; apply VILmin to pin under test. 2. Output latched to high logic state prior to test. Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner. |
유사한 부품 번호 - MC10175L |
|
유사한 설명 - MC10175L |