전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMT08B310T3G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MMT08B310T3G
상세설명  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT08B310T3G 데이터시트(HTML) 1 Page - ON Semiconductor

  MMT08B310T3G Datasheet HTML 1Page - ON Semiconductor MMT08B310T3G Datasheet HTML 2Page - ON Semiconductor MMT08B310T3G Datasheet HTML 3Page - ON Semiconductor MMT08B310T3G Datasheet HTML 4Page - ON Semiconductor MMT08B310T3G Datasheet HTML 5Page - ON Semiconductor MMT08B310T3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 3
1
Publication Order Number:
MMT08B310T3/D
MMT08B310T3
Preferred Devices
Thyristor Surge Protectors
High Voltage Bidirectional TSPD
These Thyristor Surge Protective devices (TSPD) prevent
overvoltage damage to sensitive circuits by lightning, induction and
power line crossings. They are breakover−triggered crowbar
protectors. Turn−off occurs when the surge current falls below the
holding current value.
High Surge Current Capability: 80 Amps 10 x 1000 μsec, for
Controlled Temperature Environments
The MMT08B310 is used to help equipment meet various regulatory
requirements including: Bellcore 1089, ITU K.20 & K.21, IEC 950,
UL 1459 & 1950 and FCC Part 68.
Bidirectional Protection in a Single Device
Little Change of Voltage Limit with Transient Amplitude or Rate
Freedom from Wearout Mechanisms Present in Non−Semiconductor
Devices
Fail−Safe, Shorts When Overstressed, Preventing Continued
Unprotected Operation
Surface Mount Technology (SMT)
Indicates UL Registered − File #E210057
Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Off−State Voltage − Maximum
MMT08B310T3
VDM
"270
V
Maximum Pulse Surge Short Circuit
Current Non−Repetitive
Double Exponential Decay Waveform
(Notes 1 and 2)
10 x 1000
μsec
(−25
°C Initial Temperature)
8 x 20
μsec
10 x 160
μsec
10 x 560
μsec
IPPS1
IPPS2
IPPS3
IPPS4
"80
"250
"150
"100
A(pk)
Maximum Non−Repetitive Rate of
Change of On−State Current
Double Exponential Waveform,
R = 1.0, L = 1.5
μH, C = 1.67 μF,
Ipk = 110A
di/dt
"150
A/
μs
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Allow cooling before testing second polarity.
2. Measured under pulse conditions to reduce heating.
BIDIRECTIONAL TSPD
80 AMP SURGE
310 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping†
ORDERING INFORMATION
MMT08B310T3
SMB
2500 Tape & Reel
MT1
MT2
SMB
(No Polarity)
(Essentially JEDEC DO−214AA)
CASE 403C
(
)
RPCJ
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
AYWW
RPCJ
G
G
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMT08B310T3G
SMB
Pb−Free
2500 Tape & Reel


유사한 부품 번호 - MMT08B310T3G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMT08B310T3 ONSEMI-MMT08B310T3 Datasheet
47Kb / 6P
   Thyristor Surge Protectors
October, 2003 ??Rev. 0
More results

유사한 설명 - MMT08B310T3G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMT08B260T3 ONSEMI-MMT08B260T3 Datasheet
59Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 3
MMT10B350T3 ONSEMI-MMT10B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 2
MMT08B350T3 ONSEMI-MMT08B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
February, 2006 ??Rev. 1
MMT05A230T3 ONSEMI-MMT05A230T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
MMT05A230T3 ONSEMI-MMT05A230T3_06 Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
MMT10B230T3 ONSEMI-MMT10B230T3_05 Datasheet
60Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 8
MMT05B350T3 ONSEMI-MMT05B350T3 Datasheet
63Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 2
MMT05B230T3 ONSEMI-MMT05B230T3_06 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com