전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12026A 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC12026A
상세설명  1.1 GHz Dual Modulus Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12026A 데이터시트(HTML) 4 Page - ON Semiconductor

  MC12026A_06 Datasheet HTML 1Page - ON Semiconductor MC12026A_06 Datasheet HTML 2Page - ON Semiconductor MC12026A_06 Datasheet HTML 3Page - ON Semiconductor MC12026A_06 Datasheet HTML 4Page - ON Semiconductor MC12026A_06 Datasheet HTML 5Page - ON Semiconductor MC12026A_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC12026A
http://onsemi.com
4
Figure 6. Typical Output Waveform
880mV
36.6ns
86.6ns
5.88V
(
÷8, 1.1 GHz Input Frequency, VCC = 5.0, TA = 25°C, Output Loaded With 8.0pF)


유사한 부품 번호 - MC12026A_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC12026AD ONSEMI-MC12026AD Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
logo
Motorola, Inc
MC12026AD MOTOROLA-MC12026AD Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026ADG ONSEMI-MC12026ADG Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
MC12026ADR2 ONSEMI-MC12026ADR2 Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026ADR2G ONSEMI-MC12026ADR2G Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
More results

유사한 설명 - MC12026A_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034_08 Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12034 LANSDALE-ML12034 Datasheet
1Mb / 5P
   2.0 GHz Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com