전자부품 데이터시트 검색엔진 |
|
CAT25C128Y20I-1.8T2 데이터시트(PDF) 11 Page - Catalyst Semiconductor |
|
CAT25C128Y20I-1.8T2 데이터시트(HTML) 11 Page - Catalyst Semiconductor |
11 / 12 page 11 CAT25C128/256 Document No. 1018, Rev. I Prefix Device # Suffix 25C128 V I Product Number 25C128: 128K 25C256: 256K Operating Voltage Blank (VCC = 2.5V to 5.5V 1.8 (VCC = 1.8V to 5.5V) - 1.8 CAT Temperature Range I = Industrial (-40˚C to +85˚C) A = Automotive (-40˚C to +105˚C) Optional Company ID E = Extended (-40˚C to +125˚C) **CAT25C128 only Package L: PDIP V: SOIC, JEDEC** X: SOIC, EIAJ(4) Y14: 14-Pin TSSOP** Y20: 20-Pin TSSOP** Tape & Reel T: Tape & Reel 2: 2000/Reel 3: 3000/Reel Lead Finish Blank: Matte-Tin G: NiPdAu T3 – G ORDERING INFORMATION Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard finish is NiPdAu pre-plated (PPF). (3) The device used in the above example is a CAT25C128VI-1.8-GT3 (SOIC, Industrial Temperature, 1.8V to 5.5V Operating Voltage, NiPdAu, Tape & Reel). (4) For SOIC, EIAJ (X) package the standard finish is Matte-Tin. This package is available in 2000 pcs/reel, i.e. CAT25C256XI-T2. (5) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office. |
유사한 부품 번호 - CAT25C128Y20I-1.8T2 |
|
유사한 설명 - CAT25C128Y20I-1.8T2 |