전자부품 데이터시트 검색엔진 |
|
74ABT16823DGGRE4 데이터시트(PDF) 2 Page - Texas Instruments |
|
74ABT16823DGGRE4 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 14 page SN54ABT16823, SN74ABT16823 18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS SCBS217C – JUNE 1992 – REVISED JANUARY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down. However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking/current-sourcing capability of the driver. The SN54ABT16823 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74ABT16823 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE (each 9-bit flip-flop) INPUTS OUTPUT OE CLR CLKEN CLK D Q L L X X X L L HL ↑ HH L HL ↑ LL L HL L X Q0 L HH X X Q0 H X X X X Z |
유사한 부품 번호 - 74ABT16823DGGRE4 |
|
유사한 설명 - 74ABT16823DGGRE4 |