전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33025DWG 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC33025DWG
상세설명  High Speed Double?묮nded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DWG 데이터시트(HTML) 5 Page - ON Semiconductor

  MC33025DWG Datasheet HTML 1Page - ON Semiconductor MC33025DWG Datasheet HTML 2Page - ON Semiconductor MC33025DWG Datasheet HTML 3Page - ON Semiconductor MC33025DWG Datasheet HTML 4Page - ON Semiconductor MC33025DWG Datasheet HTML 5Page - ON Semiconductor MC33025DWG Datasheet HTML 6Page - ON Semiconductor MC33025DWG Datasheet HTML 7Page - ON Semiconductor MC33025DWG Datasheet HTML 8Page - ON Semiconductor MC33025DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MC34025, MC33025
http://onsemi.com
5
VCC = 15 V
0
10
20
30
40
50
TA, AMBIENT TEMPERATURE (°C)
Figure 8. Reference Voltage Change
versus Source Current
ISource, SOURCE CURRENT (mA)
Figure 9. Reference Short Circuit Current
versus Temperature
−55
TA, AMBIENT TEMPERATURE (°C)
− 25
0
25
50
75
100
125
Figure 10. Reference Line Regulation
Figure 11. Reference Load Regulation
Figure 12. Current Limit Comparator Threshold
Change versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 13. Shutdown Comparator Threshold
Voltage versus Temperature
−55
−25
25
50
75
100
125
− 50
− 25
0
25
50
75
125
100
0
TA = + 25°C
TA = − 55°C
Vref LINE REGULATION 10 V − 24 V
2.0 ms/DIV
Vref LINE REGULATION 1.0 mA − 10 mA
2.0 ms/DIV
TA = +125°C
VCC = 15 V
VCC = 15 V
1.42
4.0
2.0
− 4.0
− 8.0
−10
−12
0
−5.0
−10
−15
−20
−25
−30
66
65.6
65.2
64.8
64.4
64
1.50
1.46
1.38
1.34
1.30
0
− 2.0
− 6.0


유사한 부품 번호 - MC33025DWG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33025DWG ONSEMI-MC33025DWG Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

유사한 설명 - MC33025DWG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com