전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33060ADG 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 MC33060ADG
상세설명  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33060ADG 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button MC33060ADG Datasheet HTML 3Page - ON Semiconductor MC33060ADG Datasheet HTML 4Page - ON Semiconductor MC33060ADG Datasheet HTML 5Page - ON Semiconductor MC33060ADG Datasheet HTML 6Page - ON Semiconductor MC33060ADG Datasheet HTML 7Page - ON Semiconductor MC33060ADG Datasheet HTML 8Page - ON Semiconductor MC33060ADG Datasheet HTML 9Page - ON Semiconductor MC33060ADG Datasheet HTML 10Page - ON Semiconductor MC33060ADG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
7
Figure 7. Emitter−Follower Configuration
Output Saturation Voltage versus
Emitter Current
Figure 8. Common−Emitter Configuration
Output Saturation Voltage versus
Collector Current
IE, EMITTER CURRENT (mA)
0
100
200
300
400
500
IC, COLLECTOR CURRENT (mA)
0
100
200
300
400
500
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
Figure 9. Standby Supply Current
versus Supply Voltage
Figure 10. Undervoltage Lockout Thresholds
versus Reference Load Current
0
5.0
10
15
20
25
30
35
40
VCC, SUPPLY VOLTAGE (V)
0
5.0
10
15
20
25
30
35
40
IL, REFERENCE LOAD CURRENT (mA)
Turn On
Turn Off
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
6.0
5.5
5.0
4.5
4.0
9.0
10


유사한 부품 번호 - MC33060ADG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33060AD ONSEMI-MC33060AD Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
More results

유사한 설명 - MC33060ADG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com