전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33060ADR2 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 MC33060ADR2
상세설명  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33060ADR2 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button MC33060ADR2 Datasheet HTML 2Page - ON Semiconductor MC33060ADR2 Datasheet HTML 3Page - ON Semiconductor MC33060ADR2 Datasheet HTML 4Page - ON Semiconductor MC33060ADR2 Datasheet HTML 5Page - ON Semiconductor MC33060ADR2 Datasheet HTML 6Page - ON Semiconductor MC33060ADR2 Datasheet HTML 7Page - ON Semiconductor MC33060ADR2 Datasheet HTML 8Page - ON Semiconductor MC33060ADR2 Datasheet HTML 9Page - ON Semiconductor MC33060ADR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
6
APPLICATIONS INFORMATION
The control signals are external inputs that can be fed into
the dead−time control, the error amplifier inputs, or the
feed−back input. The dead−time control comparator has an
effective 120 mV input offset which limits the minimum
output dead time to approximately the first 4% of the
sawtooth−cycle time. This would result in a maximum duty
cycle of 96%. Additional dead time may be imposed on the
output by setting the dead time−control input to a fixed
voltage, ranging between 0 V to 3.3 V.
The pulse width modulator comparator provides a means
for the error amplifiers to adjust the output pulse width from
the maximum percent on−time, established by the dead time
control input, down to zero, as the voltage at the feedback
pin varies from 0.5 V to 3.5 V. Both error amplifiers have a
common mode input range from −0.3 V to (VCC −2.0 V), and
may be used to sense power supply output voltage and
current. The error−amplifier outputs are active high and are
ORed together at the noninverting input of the pulse−width
modulator comparator. With this configuration, the
amplifier that demands minimum output on time, dominates
control of the loop.
The MC34060A has an internal 5.0 V reference capable
of sourcing up to 10 mA of load currents for external bias
circuits. The reference has an internal accuracy of ±5% with
a typical thermal drift of less than 50 mV over an operating
temperature range of 0° to +70°C.
Figure 3. Oscillator Frequency
versus Timing Resistance
Figure 4. Open Loop Voltage Gain and Phase
versus Frequency
Figure 5. Percent Deadtime versus
Oscillator Frequency
Figure 6. Percent Duty Cycle versus
Dead−Time Control Voltage
f, FREQUENCY (Hz)
AVOL
q
1.0
10
100
1.0 k
10 k
100 k
1.0 M
VCC = 15 V
DVO = 3.0
V
RL = 2.0 k
W
DEAD−TIME CONTROL VOLTAGE (V)
0
1.0
2.0
3.0
3.5
VCC = 15 V
CT = 0.001
RT = 47 k
VCC = 15 V
RT, TIMING RESISTANCE (W)
1.0 k
2.0 k
5.0 k 10 k 20 k
50 k 100 k 200 k 500 k 1.0 M
1.0
mF
0.001
mF
CT = 0.01 mF
fosc, OSCILLATOR FREQUENCY (Hz)
500
10 k
100 k
500 k
CT = 0.001 mF
0.01
mF
1.0 k
100
90
80
70
60
50
40
30
20
10
0
100
80
60
40
20
0
500 k
100 k
10 k
1.0 k
500
20
18
16
14
12
10
8.0
6.0
4.0
2.0
0
110
120
−20
−40
−60
−80
−100
−120
−140
−160
−180
0


유사한 부품 번호 - MC33060ADR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33060AD ONSEMI-MC33060AD Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
More results

유사한 설명 - MC33060ADR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com