전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33060ADR2G 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC33060ADR2G
상세설명  Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33060ADR2G 데이터시트(HTML) 5 Page - ON Semiconductor

  MC33060ADR2G Datasheet HTML 1Page - ON Semiconductor MC33060ADR2G Datasheet HTML 2Page - ON Semiconductor MC33060ADR2G Datasheet HTML 3Page - ON Semiconductor MC33060ADR2G Datasheet HTML 4Page - ON Semiconductor MC33060ADR2G Datasheet HTML 5Page - ON Semiconductor MC33060ADR2G Datasheet HTML 6Page - ON Semiconductor MC33060ADR2G Datasheet HTML 7Page - ON Semiconductor MC33060ADR2G Datasheet HTML 8Page - ON Semiconductor MC33060ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC34060A, MC33060A
http://onsemi.com
5
Figure 1. Block Diagram
+
6
5
4
RT
CT
Dead−Time
Control
Oscillator
0.12V
0.7V
≈ 0.7mA
1
12
3
2
Dead−Time
Comparator
PWM.
Comparator
13
14
Reference
Regulator
7
GND
10
12
9
8
Q1
Ref Out
VCC
Error Amp
1
Feedback/PWM
Comparator Input
Error Amp
2
+
++
−−
Emitter
Collector
+
VTH
Undervoltage
Lockout
This device contains 46 active transistors.
Description
The MC34060A is a fixed−frequency pulse width
modulation control circuit, incorporating the primary
building blocks required for the control of a switching power
supply (see Figure 1). An internal−linear sawtooth oscillator
is frequency−programmable by two external components,
RT and CT. The approximate oscillator frequency is
determined by:
fosc ^
1.2
RT • CT
For more information refer to Figure 3.
Output pulse width modulation is accomplished by
comparison of the positive sawtooth waveform across
capacitor CT to either of two control signals. The output is
enabled only during that portion of time when the sawtooth
voltage is greater than the control signals. Therefore, an
increase in control−signal amplitude causes a corresponding
linear decrease of output pulse width. (Refer to the Timing
Diagram shown in Figure 2.)
Figure 2. Timing Diagram
Capacitor CT
Feedback/P.W.M.
Comparator
Dead−Time Control
Output Q1,
Emitter


유사한 부품 번호 - MC33060ADR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33060AD ONSEMI-MC33060AD Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
More results

유사한 설명 - MC33060ADR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
   Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
   Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com