전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33063AP1 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC33063AP1
상세설명  1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AP1 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC33063AP1 Datasheet HTML 5Page - ON Semiconductor MC33063AP1 Datasheet HTML 6Page - ON Semiconductor MC33063AP1 Datasheet HTML 7Page - ON Semiconductor MC33063AP1 Datasheet HTML 8Page - ON Semiconductor MC33063AP1 Datasheet HTML 9Page - ON Semiconductor MC33063AP1 Datasheet HTML 10Page - ON Semiconductor MC33063AP1 Datasheet HTML 11Page - ON Semiconductor MC33063AP1 Datasheet HTML 12Page - ON Semiconductor MC33063AP1 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MC34063A, MC33063A, NCV33063A
http://onsemi.com
10
Calculation
Step−Up
Step−Down
Voltage−Inverting
ton/toff
Vout ) VF * Vin(min)
V
in(min) *
Vsat
Vout ) VF
V
in(min) *
Vsat * Vout
|Vout| ) VF
V
in *
Vsat
(ton + toff)
1
f
1
f
1
f
toff
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton
(ton + toff) − toff
(ton + toff) − toff
(ton + toff) − toff
CT
4.0 x 10−5 ton
4.0 x 10−5 ton
4.0 x 10−5 ton
Ipk(switch)
2I
out(max)
ton
t
off
) 1
2I
out(max)
2I
out(max)
ton
t
off
) 1
Rsc
0.3/Ipk(switch)
0.3/Ipk(switch)
0.3/Ipk(switch)
L(min)
(V
in(min) *
Vsat)
I
pk(switch)
t
on(max)
(V
in(min) *
Vsat * Vout)
I
pk(switch)
t
on(max)
(V
in(min) *
Vsat)
I
pk(switch)
t
on(max)
CO
9
Ioutton
V
ripple(pp)
I
pk(switch)
(ton ) toff)
8V
ripple(pp)
9
Ioutton
V
ripple(pp)
Vsat = Saturation voltage of the output switch.
VF = Forward voltage drop of the output rectifier.
The following power supply characteristics must be chosen:
Vin − Nominal input voltage.
Vout − Desired output voltage,
Iout − Desired output current.
fmin − Minimum desired output switching frequency at the selected values of Vin and IO.
Vripple(pp) − Desired peak−to−peak output ripple voltage. In practice, the calculated capacitor value will need to be increased due to its
equivalent series resistance and board layout. The ripple voltage should be kept to a low value since it will directly affect the
line and load regulation.
NOTE:
For further information refer to Application Note AN920A/D and AN954/D.
|Vout| + 1.25 1 )
R2
R1
Figure 15. Design Formula Table


유사한 부품 번호 - MC33063AP1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
logo
Motorola, Inc
MC33063AP1 MOTOROLA-MC33063AP1 Datasheet
948Kb / 15P
   DC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
ON Semiconductor
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results

유사한 설명 - MC33063AP1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com