전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33063AVDR2G 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC33063AVDR2G
상세설명  1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AVDR2G 데이터시트(HTML) 2 Page - ON Semiconductor

  MC33063AVDR2G Datasheet HTML 1Page - ON Semiconductor MC33063AVDR2G Datasheet HTML 2Page - ON Semiconductor MC33063AVDR2G Datasheet HTML 3Page - ON Semiconductor MC33063AVDR2G Datasheet HTML 4Page - ON Semiconductor MC33063AVDR2G Datasheet HTML 5Page - ON Semiconductor MC33063AVDR2G Datasheet HTML 6Page - ON Semiconductor MC33063AVDR2G Datasheet HTML 7Page - ON Semiconductor MC33063AVDR2G Datasheet HTML 8Page - ON Semiconductor MC33063AVDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC34063A, MC33063A, NCV33063A
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
40
Vdc
Comparator Input Voltage Range
VIR
−0.3 to + 40
Vdc
Switch Collector Voltage
VC(switch)
40
Vdc
Switch Emitter Voltage (VPin 1 = 40 V)
VE(switch)
40
Vdc
Switch Collector to Emitter Voltage
VCE(switch)
40
Vdc
Driver Collector Voltage
VC(driver)
40
Vdc
Driver Collector Current (Note 1)
IC(driver)
100
mA
Switch Current
ISW
1.5
A
Power Dissipation and Thermal Characteristics
Plastic Package, P, P1 Suffix
TA = 25°C
PD
1.25
W
Thermal Resistance
RqJA
100
°C/W
SOIC Package, D Suffix
TA = 25°C
PD
625
mW
Thermal Resistance
RqJA
160
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature Range
TA
°C
MC34063A
0 to +70
MC33063AV, NCV33063A
−40 to +125
MC33063A
−40 to + 85
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Maximum package power dissipation limits must be observed.
2. This device series contains ESD protection and exceeds the following tests: Human Body Model 4000 V per MIL−STD−883, Method 3015.
Machine Model Method 400 V.
3. NCV prefix is for automotive and other applications requiring site and change control.


유사한 부품 번호 - MC33063AVDR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33063AVDR2G ONSEMI-MC33063AVDR2G Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVDR2G ONSEMI-MC33063AVDR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVDR2G ONSEMI-MC33063AVDR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVDR2G ONSEMI-MC33063AVDR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC33063AVDR2G ONSEMI-MC33063AVDR2G Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

유사한 설명 - MC33063AVDR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com