전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N32TM 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 4N32TM
상세설명  General Purpose 6-Pin Photodarlington Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N32TM 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  4N32TM Datasheet HTML 1Page - Fairchild Semiconductor 4N32TM Datasheet HTML 2Page - Fairchild Semiconductor 4N32TM Datasheet HTML 3Page - Fairchild Semiconductor 4N32TM Datasheet HTML 4Page - Fairchild Semiconductor 4N32TM Datasheet HTML 5Page - Fairchild Semiconductor 4N32TM Datasheet HTML 6Page - Fairchild Semiconductor 4N32TM Datasheet HTML 7Page - Fairchild Semiconductor 4N32TM Datasheet HTML 8Page - Fairchild Semiconductor 4N32TM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4N29, 4N30, 4N31, 4N32, 4N33 Rev. 1.0.1
3
Electrical Characteristics (TA = 25°C Unless otherwise specified.)
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
Notes:
* Indicates JEDEC registered data.
1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current with VCE @ 10V.
2. Pulse test: pulse width = 300µs, duty cycle
≤ 2.0% .
4. IF adjusted to IC = 2.0mA and IC = 0.7mA rms.
5. The frequency at which IC is 3dB down from the 1kHz value.
6. For this test, LED pins 1 and 2 are common, and phototransistor pins 4, 5 and 6 are common.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EMITTER
VF
Input Forward Voltage*
IF = 10mA
1.2
1.5
V
IR
Reverse Leakage Current*
VR = 3.0V
0.001
100
µA
C
Capacitance*
VF = 0V, f = 1.0MHz
150
pF
DETECTOR
BVCEO
Collector-Emitter Breakdown Voltage* IC = 1.0mA, IB = 0
30
60
V
BVCBO
Collector-Base Breakdown Voltage*
IC = 100µA, IE = 0
30
100
V
BVECO
Emitter-Collector Breakdown Voltage* IE = 100µA, IB = 0
5.0
8
V
ICEO
Collector-Emitter Dark Current*
VCE = 10V, Base Open
1
100
nA
hFE
DC Current Gain
VCE = 5.0V, IC = 500µA
5000
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS
IC(CTR)
Collector Output Current*(1, 2) IF = 10mA, VCE = 10V, IB = 0
4N32, 4N33
50 (500)
mA (%)
4N29, 4N30
10 (100)
4N31
5 (50)
VCE(SAT)
Saturation Voltage*(2)
IF = 8mA, IC = 2.0mA
4N29, 4N30, 4N32, 4N33
1.0
V
4N31
1.2
AC CHARACTERISTICS
ton
Turn-on Time
IF = 200mA, IC = 50mA,
VCC = 10V
––
5.0
µS
toff
Turn-off Time
4N32, 4N33
IF = 200mA, IC = 50mA,
VCC = 10V
100
µS
4N29, 4N30, 4N31
–40
BW
Bandwidth(3, 4)
30
kHz
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Units
VISO
Input-Output Isolation Voltage(5)
4N29, 4N30, 4N31, 4N32, 4N33
II-O ≤ 1µA, Vrms, t = 1min.
5300
Vac(rms)
4N32*
VDC
2500
V
4N33*
VDC
1500
RISO
Isolation Resistance(5)
VI-O = 500VDC
1011
CISO
Isolation Capacitance(5)
VI-O = Ø, f = 1MHz
0.8
pF


유사한 부품 번호 - 4N32TM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N32TM FAIRCHILD-4N32TM Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

유사한 설명 - 4N32TM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com