전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F163APC 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 74F163APC
상세설명  Synchronous Presettable Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F163APC 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button 74F163APC Datasheet HTML 2Page - Fairchild Semiconductor 74F163APC Datasheet HTML 3Page - Fairchild Semiconductor 74F163APC Datasheet HTML 4Page - Fairchild Semiconductor 74F163APC Datasheet HTML 5Page - Fairchild Semiconductor 74F163APC Datasheet HTML 6Page - Fairchild Semiconductor 74F163APC Datasheet HTML 7Page - Fairchild Semiconductor 74F163APC Datasheet HTML 8Page - Fairchild Semiconductor 74F163APC Datasheet HTML 9Page - Fairchild Semiconductor 74F163APC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F161A, 74F163A Rev. 1.0.2
6
DC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
Min.
Typ.
Max. Units
VIH
Input HIGH Voltage
Recognized as a HIGH Signal
2.0
V
VIL
Input LOW Voltage
Recognized as a LOW Signal
0.8
V
VCD
Input Clamp Diode Voltage
Min.
IIN = –18mA
–1.2
V
VOH
Output HIGH
Voltage
10% VCC
Min.
2.5
V
5% VCC
2.7
VOL
Output LOW
Voltage
10% VCC
Min.
IOL = 20mA
0.5
V
IIH
Input HIGH Current
Max.
VIN = 2.7V
5.0
µA
IBVI
Input HIGH Current
Breakdown Test
Max.
VIN = 7.0V
7.0
µA
ICEX
Output HIGH Leakage
Current
Max.
VOUT = VCC
50
µA
VID
Input Leakage Test
0.0
IID = 1.9µA, All Other Pins
Grounded
4.75
V
IOD
Output Leakage Circuit
Current
0.0
VIOD = 150mV, All Other Pins
Grounded
3.75
µA
IIL
Input LOW Current
Max.
VIN = 0.5V (CEP, CP, MR, P0–P3)
–0.6
mA
VIN = 0.5V (CET, PE, SR)
–1.2
IOS
Output Short-Circuit
Current
Max.
VOUT = 0.0V
–60
–150
mA
ICC
Power Supply Voltage
Max.
37
55
mA


유사한 부품 번호 - 74F163APC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F163APC NSC-74F163APC Datasheet
197Kb / 10P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F163APC FAIRCHILD-74F163APC Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74F163APCX FAIRCHILD-74F163APCX Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
More results

유사한 설명 - 74F163APC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com