전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBSG14 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 NBSG14
상세설명  2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG14 데이터시트(HTML) 4 Page - ON Semiconductor

  NBSG14_06 Datasheet HTML 1Page - ON Semiconductor NBSG14_06 Datasheet HTML 2Page - ON Semiconductor NBSG14_06 Datasheet HTML 3Page - ON Semiconductor NBSG14_06 Datasheet HTML 4Page - ON Semiconductor NBSG14_06 Datasheet HTML 5Page - ON Semiconductor NBSG14_06 Datasheet HTML 6Page - ON Semiconductor NBSG14_06 Datasheet HTML 7Page - ON Semiconductor NBSG14_06 Datasheet HTML 8Page - ON Semiconductor NBSG14_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NBSG14
http://onsemi.com
4
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
−3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
3.6
−3.6
V
V
VINPP
Differential Input Voltage |CLK−CLK|
VCC − VEE w 2.8 V
VCC − VEE < 2.8 V
2.8
|VCC−VEE|
V
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
mA
IOUT
Output Current
Continuous
Surge
25
50
mA
mA
TA
Operating Temperature Range
16 FCBGA
16 QFN
−40 to +70
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(Note 2)
0 lfpm
500 lfpm
0 lfpm
500 lfpm
16 FCBGA
16 FCBGA
16 QFN
16 QFN
108
86
41.6
35.2
°C/W
°C/W
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P (Note 2)
2S2P (Note 3)
16 FCBGA
16 QFN
5
4.0
°C/W
°C/W
Tsol
Wave Solder
Pb
Pb−Free
225
225
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. JEDEC standard 51−6, multilayer board − 2S2P (2 signal, 2 power).
3. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


유사한 부품 번호 - NBSG14_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBSG14BA ONSEMI-NBSG14BA Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAEVB ONSEMI-NBSG14BAEVB Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAR2 ONSEMI-NBSG14BAR2 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14MN ONSEMI-NBSG14MN Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14MNG ONSEMI-NBSG14MNG Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
More results

유사한 설명 - NBSG14_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com