전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8785 데이터시트(PDF) 6 Page - Wolfson Microelectronics plc

부품명 WM8785
상세설명  24-Bit, 192kHz Stereo ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785 데이터시트(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8785_06 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8785_06 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
WM8785
Production Data
w
PD Rev 4.1 December 2006
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DVDD = 3.3V, AVDD = 5.0V, TA = +25
oC, 1kHz signal, A-weighted, fs = 48kHz, MCLK = 256fs, 24-bit audio data, Slave Mode
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Performance
Full Scale Input Signal Level
(for ADC 0dB Input)
2.0
Vrms
Input resistance
10
k
Input capacitance
10
pF
A-weighted,
@ fs = 48kHz
102
111
dB
Signal to Noise Ratio (Note
1,2,4)
SNR
Unweighted,
@ fs = 48kHz
108
dB
A-weighted,
@ fs = 96kHz
111
dB
Signal to Noise Ratio (Note
1,2,4)
SNR
Unweighted,
@ fs = 96kHz
108
dB
A-weighted,
@ fs = 192kHz
111
dB
Signal to Noise Ratio (Note
1,2,4)
SNR
Unweighted,
@ fs = 192kHz
108
dB
1kHz, -0.1dB Full Scale
@ fs = 48kHz
-102
-92
dB
1kHz, -0.1dB Full Scale
@ fs = 96kHz
-102
dB
Total Harmonic Distortion
THD
1kHz, -0.1dB Full Scale
@ fs = 192kHz
-102
dB
Total Harmonic Distortion
THD
1kHz, -0.1dB Full Scale
@ fs = 48kHz
0.0008
0.0025
%
1kHz, -0.1dB Full Scale
@ fs = 96kHz
0.0008
%
1kHz, -0.1dB Full Scale
@ fs = 192kHz
0.0008
%
Dynamic Range
DNR
-60dBFS
102
111
dB
Channel Level Matching
20kHz signal
0.1
dB
1kHz 100mVpp, applied
to AVDD, DVDD
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVpp
45
dB
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Input leakage current
-1
±0.2
+1
µA
Input capacitance
5
pF
Output LOW
VOL
IOL=1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH= -1mA
0.9 x DVDD
V
Analogue Reference Levels
Midrail Reference Voltage
VMID
AVDD to VMID and
VMID to VREFGND
–3%
AVDD/2
+3%
V
Potential Divider Resistance
RVMID
AVDD to VMID and
VMID to GND
50
k
Buffered Reference Voltage
VREF
–3%
0.8 x AVDD
+3%
V


유사한 부품 번호 - WM8785_06

제조업체부품명데이터시트상세설명
logo
Wolfson Microelectronic...
WM8785GEDS/RV WOLFSON-WM8785GEDS/RV Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8785GEDS/V WOLFSON-WM8785GEDS/V Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
More results

유사한 설명 - WM8785_06

제조업체부품명데이터시트상세설명
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_06 Datasheet
248Kb / 21P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com