전자부품 데이터시트 검색엔진 |
|
NBSG86ABAR2 데이터시트(PDF) 4 Page - ON Semiconductor |
|
NBSG86ABAR2 데이터시트(HTML) 4 Page - ON Semiconductor |
4 / 14 page NBSG86A http://onsemi.com 4 Figure 5. Configuration for OR/NOR Function Table 4. OR/NOR TRUTH TABLE** 0 0 1 1 D0 m 1 1 1 1 D1 b 0 1 0 1 SEL m or b 0 1 1 1 Q Q SEL VTD0 Q SEL VTD0 50 W 50 W VTD1 VTD1 50 W 50 W 50 W 50 W VTSEL VCC VT or VBB b m D0 D0 D1 D1 ** D0, D1, SEL are inverse of D0, D1, SEL unless specified otherwise. Q SEL VTD0 Q SEL VTD0 50 W 50 W VTD1 VTD1 50 W 50 W 50 W 50 W VTSEL b m D0 D0 D1 D1 Figure 6. Configuration for XOR/XNOR Function 1 0 0 D1 0 1 0 1 SEL m XOR b 0 1 1 0 Q Table 5. XOR/XNOR TRUTH TABLE** 0 0 1 1 D0 m 1 b ** D0, D1, SEL are inverse of D0, D1, SEL unless specified otherwise. D0 Q SEL VTD0 Q SEL VTD0 50 W 50 W D0 D1 VTD1 VTD1 50 W 50 W D1 50 W 50 W VTSEL Figure 7. Configuration for 2:1 MUX Function D1 D0 Q Table 6. 2:1 MUX TRUTH TABLE** 1 0 SEL ** D0, D1, SEL are inverse of D0, D1, SEL unless specified otherwise. |
유사한 부품 번호 - NBSG86ABAR2 |
|
유사한 설명 - NBSG86ABAR2 |