전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89C5130A-M 데이터시트(PDF) 33 Page - ATMEL Corporation

부품명 AT89C5130A-M
상세설명  8-bit Flash Microcontroller with Full Speed USB Device
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-M 데이터시트(HTML) 33 Page - ATMEL Corporation

Back Button AT89C5130A-M_06 Datasheet HTML 29Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 30Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 31Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 32Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 33Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 34Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 35Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 36Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 186 page
background image
33
AT89C5130A/31A-M
4337G–USB–11/06
Extra Row
The following procedure is used to program the Extra Row space and is summarized in
Figure 18:
Load data in the column latches from address FF80h to FFFFh.
Disable the interrupts.
Launch the programming by writing the data sequence 52h followed by A2h in
FCON register.
The end of the programming indicated by the FBUSY flag cleared.
Enable the interrupts.
Figure 18.
Flash and Extra Row Programming Procedure
Flash Spaces
Programming
Disable IT
EA = 0
Launch Programming
FCON = 5xh
FCON = Axh
End Programming
Enable IT
EA = 1
Column Latches Loading
see Figure 17
FBusy
Cleared?
Erase Mode
FCON = 00h


유사한 부품 번호 - AT89C5130A-M_06

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
More results

유사한 설명 - AT89C5130A-M_06

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_06 Datasheet
2Mb / 185P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com