전자부품 데이터시트 검색엔진 |
|
NCP302 데이터시트(PDF) 5 Page - ON Semiconductor |
|
NCP302 데이터시트(HTML) 5 Page - ON Semiconductor |
5 / 26 page NCP302, NCP303 http://onsemi.com 5 ELECTRICAL CHARACTERISTICS (continued) (For all values TA = −40°C to +125°C, unless otherwise noted.) Characteristic Unit Max Typ Min Symbol NCP302/3− 2.7 Pch Source Current, NCP302 (VOUT = 0.4 V, Vin = 0.7 V) (VOUT = GND, Vin = 1.5 V) 0.011 0.525 0.04 0.6 − − CD Delay Pin Threshold Voltage (Pin 5) (Vin = 2.97 V) VTCD 1.49 2.01 2.53 V Delay Capacitor Pin Sink Current (Pin 5) (Vin = 0.7 V, VCD = 0.1V) (Vin = 1.5 V, VCD = 0.5V) ICD 2.0 200 250 3600 − − mA Delay Pullup Resistance (Pin 5) RD 0.5 1.0 2.0 M W NCP302/3 − 3.0 Detector Threshold (Pin 2, Vin Decreasing) (TA = 25°C) (TA = −40°C to 125°C) VDET− 2.94 2.91 3.00 − 3.06 3.09 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.09 0.15 0.21 V Supply Current (Pin 2) (Vin = 2.87 V) (Vin = 5.0 V) Iin − − 0.25 0.50 0.9 1.3 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V Minimum Operating Voltage (Pin 2) (TA = 25°C) (TA = −40°C to 125°C) Vin(min) − − 0.55 0.65 0.70 0.80 V Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices) IOUT mA Nch Sink Current, NCP302, NCP303 (VOUT = 0.05V, Vin = 0.70V) (VOUT = 0.50V, Vin = 1.5V) 0.01 1.0 0.14 3.5 − − Pch Source Current, NCP302 (VOUT = 2.4V, Vin = 4.5V) 1.0 9.7 − Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices) IOUT mA Nch Sink Current, NCP302, NCP303 (VOUT = 0.5 V, Vin = 5.0 V) 6.3 11 − Pch Source Current, NCP302 (VOUT = 0.4 V, Vin = 0.7 V) (VOUT = GND, Vin = 1.5 V) 0.011 0.525 0.04 0.6 − − CD Delay Pin Threshold Voltage (Pin 5) (Vin = 3.3 V) VTCD 1.65 2.23 2.81 V Delay Capacitor Pin Sink Current (Pin 5) (Vin = 0.7 V, VCD = 0.1V) (Vin = 1.5 V, VCD = 0.5V) ICD 2.0 200 250 3600 − − mA Delay Pullup Resistance (Pin 5) RD 0.5 1.0 2.0 M W NCP302/3 − 4.5 Detector Threshold (Pin 2, Vin Decreasing) (TA = 25°C) (TA = −40°C to 125°C) VDET− 4.410 4.365 4.500 − 4.590 4.635 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.135 0.225 0.315 V Supply Current (Pin 2) (Vin = 4.34 V) (Vin = 6.5 V) Iin − − 0.33 0.52 1.0 1.4 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V Minimum Operating Voltage (Pin 2) (TA = 25°C) (TA = −40°C to 125°C) Vin(min) − − 0.55 0.65 0.70 0.80 V Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices) IOUT mA Nch Sink Current, NCP302, NCP303 (VOUT = 0.05V, Vin = 0.70V) (VOUT = 0.50V, Vin = 1.5V) 0.01 1.0 0.05 2.0 − − |
유사한 부품 번호 - NCP302_06 |
|
유사한 설명 - NCP302_06 |