전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM359X 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BYM359X
상세설명  Dual diode fast, high-voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM359X 데이터시트(HTML) 4 Page - NXP Semiconductors

  BYM359X Datasheet HTML 1Page - NXP Semiconductors BYM359X Datasheet HTML 2Page - NXP Semiconductors BYM359X Datasheet HTML 3Page - NXP Semiconductors BYM359X Datasheet HTML 4Page - NXP Semiconductors BYM359X Datasheet HTML 5Page - NXP Semiconductors BYM359X Datasheet HTML 6Page - NXP Semiconductors BYM359X Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Dual diode
BYM359X
fast, high-voltage
Fig.7. Modulator maximum Q
s at Tj = 25˚C and 150˚C
Fig.8. Modulator maximum t
rr measured to 25% of Irrm;
T
j = 25˚C and 150˚C
Fig.9. Modulator typical junction capacitance C
d at
f = 1 MHz
; Tj = 25˚C
Fig.10. Modulator transient thermal impedance
Z
th = f(tp)
1
100
BY329
-dIF/dt (A/us)
Qs / uC
10
1
0.1
10
2 A
IF = 10 A
10 A
1 A
1 A
2 A
Tj = 150 C
Tj = 25 C
1
100
100
10
1
10
1000
BY329
Cd / pF
VR / V
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BY229F
pulse width, tp (s)
Transient thermal impedance, Zth j-hs (K/W)
D =
tp
tp
T
T
P
t
D
1
10
100
BY329
-dIF/dt (A/us)
trr / ns
1000
100
10
1 A
IF = 10 A
Tj = 150 C
Tj = 25 C
10A
1A
December 1999
4
Rev 1.200


유사한 부품 번호 - BYM359X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYM359DX PHILIPS-BYM359DX Datasheet
60Kb / 7P
   Dual diode fast, high-voltage
March 2000 Rev 1.000
More results

유사한 설명 - BYM359X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYM359DX PHILIPS-BYM359DX Datasheet
60Kb / 7P
   Dual diode fast, high-voltage
March 2000 Rev 1.000
BY459F-1500 PHILIPS-BY459F-1500 Datasheet
34Kb / 6P
   Rectifier diode fast, high-voltage
August 1996-Rev 1.200
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Taiwan Semiconductor Co...
BAV19W-G TSC-BAV19W-G_14 Datasheet
206Kb / 5P
   High Voltage Fast Switching Diode
logo
STMicroelectronics
STTB1206M STMICROELECTRONICS-STTB1206M Datasheet
344Kb / 7P
   ultra-fast high voltage diode
August 1993 Ed: 2A
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
Taiwan Semiconductor Co...
BAV19W-G TSC-BAV19W-G Datasheet
138Kb / 2P
   High Voltage Fast Switching Diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com