전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATMEGA128-16MU 데이터시트(PDF) 29 Page - ATMEL Corporation

부품명 ATMEGA128-16MU
상세설명  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128-16MU 데이터시트(HTML) 29 Page - ATMEL Corporation

Back Button ATMEGA128-16MU Datasheet HTML 23Page - ATMEL Corporation ATMEGA128-16MU Datasheet HTML 24Page - ATMEL Corporation ATMEGA128-16MU Datasheet HTML 25Page - ATMEL Corporation ATMEGA128-16MU Datasheet HTML 26Page - ATMEL Corporation ATMEGA128-16MU Datasheet HTML 27Page - ATMEL Corporation ATMEGA128-16MU Datasheet HTML 28Page - ATMEL Corporation ATMEGA128-16MU Datasheet HTML 29Page - ATMEL Corporation ATMEGA128-16MU Datasheet HTML 30Page - ATMEL Corporation ATMEGA128-16MU Datasheet HTML 31Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29
ATmega128
2467OS–AVR–10/06
In the data sheet, it was not explained how to take advantage of the calibration
bytes for 2, 4, and 8 MHz Oscillator selections. This is now added in the following
sections:
Improved description of “Oscillator Calibration Register – OSCCAL” on page 41 and
“Calibration Byte” on page 292.
Changes from Rev.
2467C-02/02 to Rev.
2467D-03/02
1.
Added more information about “ATmega103 Compatibility Mode” on page 5.
2.
Updated Table 2, “EEPROM Programming Time,” on page 23.
3.
Updated typical Start-up Time in Table 7 on page 37, Table 9 and Table 10 on
page 39, Table 12 on page 40, Table 14 on page 41, and Table 16 on page 42.
4.
Updated Table 22 on page 56 with typical WDT Time-out.
5.
Corrected description of ADSC bit in “ADC Control and Status Register A –
ADCSRA” on page 246.
6.
Improved description on how to do a polarity check of the ADC differential
results in “ADC Conversion Result” on page 243.
7.
Corrected JTAG version numbers in “JTAG Version Numbers” on page 256.
8.
Improved description of addressing during SPM (usage of RAMPZ) on
“Addressing the Flash During Self-Programming” on page 281, “Performing
Page Erase by SPM” on page 283, and “Performing a Page Write” on page
283.
9.
Added not regarding OCDEN Fuse below Table 118 on page 291.
10. Updated Programming Figures:
Figure 135 on page 293 and Figure 144 on page 305 are updated to also reflect that
AVCC must be connected during Programming mode. Figure 139 on page 300
added to illustrate how to program the fuses.
11. Added
a
note
regarding
usage
of
the
PROG_PAGELOAD
and
PROG_PAGEREAD instructions on page 311.
12. Added
Calibrated
RC
Oscillator
characterization
curves
in
section
“ATmega128 Typical Characteristics” on page 336.
13. Updated “Two-wire Serial Interface” section.
More details regarding use of the TWI Power-down operation and using the TWI as
master with low TWBRR values are added into the data sheet. Added the note at
the end of the “Bit Rate Generator Unit” on page 205. Added the description at the
end of “Address Match Unit” on page 206.
14. Added a note regarding usage of Timer/Counter0 combined with the clock.
See “XTAL Divide Control Register – XDIV” on page 43.


유사한 부품 번호 - ATMEGA128-16MU

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA128-16MU ATMEL-ATMEGA128-16MU Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATmega128-16MU ATMEL-ATmega128-16MU Datasheet
613Kb / 26P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467S-AVR-07/09
ATmega128-16MU ATMEL-ATmega128-16MU Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128-16MU ATMEL-ATMEGA128-16MU Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128-16MUR ATMEL-ATMEGA128-16MUR Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
More results

유사한 설명 - ATMEGA128-16MU

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA1284P ATMEL-ATMEGA1284P_1 Datasheet
6Mb / 380P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P_09 Datasheet
374Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059DS-AVR-11/09
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128 Datasheet
360Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA103 ATMEL-ATMEGA103_07 Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A ATMEL-ATMEGA128A_10 Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
416Kb / 20P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059BS-AVR-05/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com