전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4113HVBRUZ-RL 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADF4113HVBRUZ-RL
상세설명  High Voltage Charge Pump, PLL Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4113HVBRUZ-RL 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADF4113HVBRUZ-RL Datasheet HTML 2Page - Analog Devices ADF4113HVBRUZ-RL Datasheet HTML 3Page - Analog Devices ADF4113HVBRUZ-RL Datasheet HTML 4Page - Analog Devices ADF4113HVBRUZ-RL Datasheet HTML 5Page - Analog Devices ADF4113HVBRUZ-RL Datasheet HTML 6Page - Analog Devices ADF4113HVBRUZ-RL Datasheet HTML 7Page - Analog Devices ADF4113HVBRUZ-RL Datasheet HTML 8Page - Analog Devices ADF4113HVBRUZ-RL Datasheet HTML 9Page - Analog Devices ADF4113HVBRUZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADF4113HV
Rev. 0 | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
CP
CPGND
AGND
AVDD
RFINA
RFINB
RSET
REFIN
16
15
14
13
12
11
10
9
DVDD
MUXOUT
LE
CE
DGND
CLK
DATA
VP
ADF4113HV
TOP VIEW
(Not to Scale)
Figure 3. TSSOP Pin Configuration
PIN 1
INDICATOR
1
CPGND
2
AGND
3
AGND
4
RFINB
5
RFINA
13 DATA
14 LE
15 MUXOUT
12 CLK
11 CE
ADF4113HV
TOP VIEW
(Not to Scale)
Figure 4. LFCSP Pin Configuration
Table 5. Pin Function Descriptions
TSSOP
Pin No.
LFCSP
Pin No.
Mnemonic
Description
1
19
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current.
The nominal voltage potential at the RSET pin is 0.56 V for the ADF4113HV. The relationship between
ICP and RSET is ICPmax = 3/RSET. Therefore, with RSET = 4.7 kΩ, ICPmax = 640 μA.
2
20
CP
Charge Pump Output. When enabled, this pin provides ±ICP to the external loop filter; in turn, this
drives the external VCO.
3
1
CPGND
Charge Pump Ground. CPGND is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the prescaler.
5
4
RFINB
Complementary Input to the RF Prescaler. This point should be decoupled to the ground plane with
a small bypass capacitor, typically 100 pF.
6
5
RFINA
Input to the RF Prescaler. This small-signal input is ac-coupled from the VCO.
7
6, 7
AVDD
Analog Power Supply. The power supply can range from 2.7 V to 5.5 V. Decoupling capacitors to the
analog ground plane should be placed as close as possible to this pin. AVDD must be the same value
as DVDD.
8
8
REFIN
Reference Input. This pin is a CMOS input with a nominal threshold of VDD/2, and an equivalent
input resistance of 100 kΩ. This input can be driven from a TTL or CMOS crystal oscillator, or can be
ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
CE
Chip Enable. A Logic low on this pin powers down the device and puts the charge pump output
into three-state mode. Taking the pin high powers up the device depending on the status of the
Power-Down Bit PD1.
11
12
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is
latched into the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS
input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This
input is a high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into
one of the four latches; the latch is selected using the control bits.
14
15
MUXOUT
Multiplexer Output. This multiplexer output allows either the lock detect, the scaled RF, or the
scaled reference frequency to be externally accessed.
15
16, 17
DVDD
Digital Power Supply. This can range from 2.7 V to 5.5 V. Decoupling capacitors to the digital ground
plane (1μF, 1nF) should be placed as close as possible to this pin. For best performance, the 1 μF
capacitor should be placed within 2 mm of the pin. The placing of the 1nF capacitor is less critical
but should still be within 5 mm of the pin. DVDD must have the same value as AVDD.
16
18
VP
Charge Pump Power Supply. VP can range from 13.5 V to 16.5 V and should be decoupled
appropriately.


유사한 부품 번호 - ADF4113HVBRUZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4113HVBRUZ-RL AD-ADF4113HVBRUZ-RL Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
ADF4113HVBRUZ-RL7 AD-ADF4113HVBRUZ-RL7 Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
More results

유사한 설명 - ADF4113HVBRUZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4113HV AD-ADF4113HV_15 Datasheet
396Kb / 20P
   High Voltage Charge Pump, PLL Synthesizer
REV. B
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
   High Voltage 1.5x Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660_08 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com