전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8021AR-REEL 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8021AR-REEL
상세설명  Low Noise, High Speed Amplifier for 16-Bit Systems
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8021AR-REEL 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8021AR-REEL Datasheet HTML 7Page - Analog Devices AD8021AR-REEL Datasheet HTML 8Page - Analog Devices AD8021AR-REEL Datasheet HTML 9Page - Analog Devices AD8021AR-REEL Datasheet HTML 10Page - Analog Devices AD8021AR-REEL Datasheet HTML 11Page - Analog Devices AD8021AR-REEL Datasheet HTML 12Page - Analog Devices AD8021AR-REEL Datasheet HTML 13Page - Analog Devices AD8021AR-REEL Datasheet HTML 14Page - Analog Devices AD8021AR-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8021
Rev. F | Page 11 of 28
FREQUENCY (Hz)
1M
10M
100M
6.2
6.0
5.8
5.6
5.4
6.4
G = +2
VS = ±12V
VS = ±2.5V
VS = ±5V
Figure 17. 0.1 dB Flatness vs. Frequency and Supply, VOUT = 1 V p-p,
RL = 150 Ω, Noninverting (See Figure 49)
FREQUENCY (Hz)
0.1M
1M
–40
–60
–90
–110
–130
–20
–30
–50
–70
–80
–100
–120
10M
20M
THIRD
SECOND
RL = 100Ω
RL = 1kΩ
Figure 18. Second and Third Harmonic Distortion vs. Frequency and RL
FREQUENCY (Hz)
100k
1M
20M
–40
–60
–90
–110
–130
–30
–50
–70
–80
–100
–120
10M
THIRD
SECOND
SECOND
SECOND
THIRD
VS = ±2.5V
VS = ±5V
VS = ±12V
Figure 19. Second and Third Harmonic Distortion vs. Frequency and VS
FREQUENCY (MHz)
9.5
10.5
–40
–60
–90
–110
–30
–50
–70
–80
–100
–120
–20
9.7
10.3
10.0
Δf = 0.2MHz
f1
f2
976
Ω
53.6
Ω
50
Ω
POUT
Figure 20. Intermodulation Distortion vs. Frequency
FREQUENCY (MHz)
0
10
20
45
30
25
40
35
20
50
VS = ±5V
VS = ±2.5V
515
Figure 21. Third-Order Intercept vs. Frequency and Supply Voltage
1
–60
–90
–100
–70
–80
–120
–50
–110
THIRD
SECOND
SECOND
THIRD
VOUT (V p-p)
23
4
5
6
RL = 100Ω
RL = 1kΩ
Figure 22. Second and Third Harmonic Distortion vs. VOUT and RL


유사한 부품 번호 - AD8021AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8021AR-REEL AD-AD8021AR-REEL Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
AD8021AR-REEL7 AD-AD8021AR-REEL7 Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
More results

유사한 설명 - AD8021AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8021 AD-AD8021 Datasheet
467Kb / 20P
   Low Noise, High Speed Amplifier for 16-Bit Systems
REV. D
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP37GPZ AD-OP37GPZ Datasheet
490Kb / 16P
   Low Noise, Precision, High Speed tional Amplifier
REV. B
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
logo
Texas Instruments
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com