전자부품 데이터시트 검색엔진 |
|
AD8051 데이터시트(PDF) 5 Page - Analog Devices |
|
AD8051 데이터시트(HTML) 5 Page - Analog Devices |
5 / 24 page AD8051/AD8052/AD8054 Rev. G | Page 5 of 24 @ TA = 25°C, VS = 3 V, RL = 2 kΩ to 1.5 V, unless otherwise noted. Table 2. AD8051A/AD8052A AD8054A Parameter Conditions Min Typ Max Min Typ Max Unit DYNAMIC PERFORMANCE –3 dB Small Signal Bandwidth G = +1, VO = 0.2 V p-p 70 110 80 135 MHz G = –1, +2, VO = 0.2 V p-p 50 65 MHz Bandwidth for 0.1 dB Flatness G = +2, VO = 0.2 V p-p, RL = 150 Ω to 2.5 V, RF = 402 Ω for AD8051A/AD8052A 17 MHz RF = 200 Ω for AD8054A 10 MHz Slew Rate G = −1, VO = 2 V step 90 135 110 150 V/μs Full Power Response G = +1, VO = 1 V p-p 65 85 MHz Settling Time to 0.1% G = −1, VO = 2 V step 55 55 ns NOISE/DISTORTION PERFORMANCE Total Harmonic Distortion1 fC = 5 MHz, VO = 2 V p-p, G = −1, RL = 100 Ω to 1.5 V –47 –48 dB Input Voltage Noise f = 10 kHz 16 16 nV/√Hz Input Current Noise f = 10 kHz 600 600 fA/√Hz Differential Gain Error (NTSC) G = +2, VCM = 1 V RL = 150 Ω to 1.5 V 0.11 0.13 % RL = 1 kΩ to 1.5 V 0.09 0.09 % Differential Phase Error (NTSC) G = +2, VCM = 1 V RL = 150 Ω to 1.5 V 0.24 0.3 Degrees RL = 1 kΩ to 1.5 V 0.10 0.1 Degrees Crosstalk f = 5 MHz, G = +2 −60 −60 dB DC PERFORMANCE Input Offset Voltage 1.6 10 1.6 12 mV TMIN − TMAX 25 30 mV Offset Drift 10 15 μV/°C Input Bias Current 1.3 2.6 2 4.5 μA TMIN − TMAX 3.25 4.5 μA Input Offset Current 0.15 0.8 0.2 1.2 μA Open-Loop Gain RL = 2 kΩ 80 96 80 96 dB TMIN − TMAX 94 94 dB RL = 150 Ω 74 82 72 80 dB TMIN − TMAX 76 76 dB INPUT CHARACTERISTICS Input Resistance 290 300 kΩ Input Capacitance 1.4 1.5 pF Input Common-Mode Voltage Range −0.2 to +2 −0.2 to +2 V Common-Mode Rejection Ratio VCM = 0 V to 1.5 V 72 88 70 86 dB OUTPUT CHARACTERISTICS Output Voltage Swing RL = 10 kΩ to 1.5 V 0.01 to 2.99 0.025 to 2.98 V RL = 2 kΩ to 1.5 V 0.0.75 to 2.9 0.02 to 2.98 0.1 to 2.9 0.35 to 2.965 V RL = 150 Ω to 1.5 V 0.2 to 2.75 0.125 to 2.875 0.35 to 2.55 0.15 to 2.75 V Output Current VOUT = 0.5 V to 2.5 V 45 25 mA TMIN − TMAX 45 25 mA |
유사한 부품 번호 - AD8051 |
|
유사한 설명 - AD8051 |