전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8055ARZ-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8055ARZ-REEL
상세설명  Low Cost, 300 MHz Voltage Feedback Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8055ARZ-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8055ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 11Page - Analog Devices AD8055ARZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8055/AD8056
Rev. J | Page 8 of 16
TIME (ns)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VOUT =0VTO +2V OR
VOUT =0VTO –2V
G= +2
RL =100Ω
0
1020
304050
60
FREQUENCY (MHz)
0
–90
–10
–20
–30
–40
–50
–60
–70
–80
10
+PSRR
–PSRR
G= +2
RF =402Ω
0.1
1
10
100
500
Figure 18. Settling Time
Figure 21. PSRR vs. Frequency
1V
50ns
VIN
VOUT
G= +1
RL = 100Ω
VS =±5V
10
4
0
9
5
3
1
7
6
2
8
VIN (V p-p)
G= +2
RL =100Ω
RF =402Ω
FALL TIME
RISE TIME
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 19. Rise Time and Fall Time vs. V
Figure 22. Overload Recovery
IN
5.0
2.0
0
4.5
2.5
1.5
0.5
3.5
3.0
1.0
4.0
G= +2
RL =1kΩ
RF =402Ω
FALL TIME
RISE TIME
VIN (V p-p)
0
0.2
0.4
0.6
0.8
1.6
1.0
1.2
1.4
FREQUENCY (MHz)
–30
–120
–40
–50
–60
–70
–80
–90
–100
–110
–20
SIDE 1 DRIVEN
SIDE 2 DRIVEN
0.1
1
10
100 200
VIN =0dBm
G= +2
RL =100Ω
RF =402Ω
Figure 20. Rise Time and Fall Time vs. VIN
Figure 23. Crosstalk (Output-to-Output) vs. Frequency


유사한 부품 번호 - AD8055ARZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8055ARZ-REEL AD-AD8055ARZ-REEL Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ARZ-REEL7 AD-AD8055ARZ-REEL7 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
More results

유사한 설명 - AD8055ARZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com