전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8324ACPZ-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8324ACPZ-REEL7
상세설명  3.3 V Upstream Cable Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8324ACPZ-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8324ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8324ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8324ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8324ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8324ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8324ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8324ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8324ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8324ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8324
Rev. A | Page 8 of 16
CENTER 21 MHz
–100
–90
–80
–70
0
–10
–20
–30
–40
–60
–50
100 kHz/DIV
SPAN 1 MHz
CH PWR
WORST ACP
12dBm
–61dBc
CL1
CL1
CU1
CU1
C0
C0
Figure 13. Adjacent Channel Power
FREQUENCY (MHz)
0.1
40
30
20
10
10
20
30
40
0
1
10
100
1000
DEC60
DEC54
DEC48
DEC42
DEC36
DEC30
DEC24
DEC18
DEC12
DEC 1 TO DEC 6
Figure 14. AC Response
GAIN CONTROL (Decimal Code)
0
6
12
18
24
30
36
42
48
54
60
f = 10MHz
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
Figure 15. Output Step Size vs. Gain Control
FREQUENCY (MHz)
41.6
41.7
–40
–30
–20
–10
60
50
40
30
20
0
10
41.8
41.9
42.0
42.1
42.2
42.3
42.4
42.5
VOUT = 57dBmV/TONE
@ MAX GAIN
Figure 16. Two-Tone Intermodulation Distortion
FREQUENCY (MHz)
0
0
10
10
20
30
40
50
60
70
80
90
100
100
1000
MAX GAIN
MIN GAIN
TXEN = 0
VIN = 27.5dBmV
Figure 17. Isolation in Transmit Disable Mode vs. Frequency
GAIN CONTROL (Decimal Code)
0
6
12
24
18
30
36
42
48
54
60
f = 10MHz
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
f = 5MHz
f = 42MHz
f = 65MHz
Figure 18. Gain Error vs. Gain Control


유사한 부품 번호 - AD8324ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8324ACP AD-AD8324ACP Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8324ACP-EVAL AD-AD8324ACP-EVAL Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8324ACP-REEL7 AD-AD8324ACP-REEL7 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
More results

유사한 설명 - AD8324ACPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8324 AD-AD8324_15 Datasheet
382Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. B
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com