전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8330ARQ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8330ARQ
상세설명  Low Cost DC to 150 MHz Variable Gain Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQ 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8330ARQ Datasheet HTML 4Page - Analog Devices AD8330ARQ Datasheet HTML 5Page - Analog Devices AD8330ARQ Datasheet HTML 6Page - Analog Devices AD8330ARQ Datasheet HTML 7Page - Analog Devices AD8330ARQ Datasheet HTML 8Page - Analog Devices AD8330ARQ Datasheet HTML 9Page - Analog Devices AD8330ARQ Datasheet HTML 10Page - Analog Devices AD8330ARQ Datasheet HTML 11Page - Analog Devices AD8330ARQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD8330
Rev. C | Page 8 of 32
FREQUENCY (Hz)
50
100k
–40
–30
–20
–10
0
10
20
30
40
VMAG = 4.8V
1M
10M
100M
500M
1.52V
0.48V
0.15V
0.048V
0.015V
Figure 10. Frequency Response for Various Values of VMAG,
VDBS = 0.75 V
FREQUENCY (Hz)
10
100k
0
2
4
6
8
1M
10M
100M
300M
VDBS = 0.1V
Figure 11. Group Delay vs. Frequency
VDBS (V)
0
0
–7
–6
–5
–4
–2
–1
–3
T = +25°C
T = –40°C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = +85°C
Figure 12. Differential Output Offset vs. VDBS for Three Temperatures,
for a Representative Part
DIFFERENTIAL OFFSET (mV)
25
0
5
15
20
10
1048 UNITS
ENABLE MODE
Figure 13. Differential Input Offset Histogram
FREQUENCY (Hz)
10
100k
–90
–70
–50
–30
–10
1M
10M
100M
0
–80
–60
–40
–20
Figure 14. Output Balance Error vs. Frequency for a Representative Part
FREQUENCY (Hz)
200
100k
100
120
140
160
180
M
0
0
3
M
0
1
M
1
190
110
130
150
170
100M
Figure 15. Output Impedance vs. Frequency


유사한 부품 번호 - AD8330ARQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8330ARQ AD-AD8330ARQ Datasheet
681Kb / 28P
   Low Cost DC-150 MHz Variable Gain Amplifier
REV. A
AD8330ARQ AD-AD8330ARQ Datasheet
1Mb / 36P
   Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330ARQ-REEL AD-AD8330ARQ-REEL Datasheet
681Kb / 28P
   Low Cost DC-150 MHz Variable Gain Amplifier
REV. A
AD8330ARQ-REEL AD-AD8330ARQ-REEL Datasheet
1Mb / 36P
   Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330ARQ-REEL7 AD-AD8330ARQ-REEL7 Datasheet
681Kb / 28P
   Low Cost DC-150 MHz Variable Gain Amplifier
REV. A
More results

유사한 설명 - AD8330ARQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8330 AD-AD8330_08 Datasheet
1Mb / 36P
   Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330 AD-AD8330 Datasheet
681Kb / 28P
   Low Cost DC-150 MHz Variable Gain Amplifier
REV. A
AD8335 AD-AD8335 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD8338 AD-AD8338 Datasheet
406Kb / 16P
   Low Power, 18 MHz Variable Gain Amplifier
REV. 0
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com