전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

NCP1605 데이터시트(HTML) 5 Page - ON Semiconductor

부품명 NCP1605
상세내용  Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

NCP1605 데이터시트(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 32 page
 5 / 32 page
background image
NCP1605, NCP1605A
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
(Conditions: VCC = 16 V, VHV = 50 V, VPin2 = 2 V, VPin13 = 0 V, TJ from 0°C to +125°C, unless otherwise specified) (Note 2)
Symbol
Unit
Max
Typ
Min
Rating
VCCOFF
Minimum Operating Voltage after Turn−on
8.0
9.0
10
V
HUVLO
Difference (VCCON − VCCOFF)
NCP1605
NCP1605A
5.0
1.2
6.0
1.5
V
VCCSTUP
VCC Threshold below which the Startup Current Source Turns on
5.5
7.0
8.0
V
HLATCHOFF
Difference (VCCOFF − VCCSTUP)
0.6
2.0
V
VCCRST
VCC Level at which the Logic Resets
2.0
4.0
5.0
V
Internal STARTUP Current Source
IC1_hv
High−Voltage Current Source (sunk by Pin 16), VCC = 13.5 V
5
12
20
mA
IC1_Vcc
Startup Charge Current flowing out of the VCC Pin, VCC = 13.5 V
5
12
20
mA
IC2
High−Voltage Current Source, VCC = 0 V
0.5
1.0
mA
Device Consumption
Icc_op1
Icc_op2
Icc_OFF
Icc_latchOFF
Power Supply Current:
Operating (@ VCC = 16 V, no load, no switching)
Operating (@ VCC = 16 V, no load, switching)
Off Mode (@ VCC = 16 V, Pin 2 grounded)
Latched−Off Mode (@ VCC = 13.5 V and VPin13 = 5 V)
2.0
310
310
2.5
3.5
570
550
5
7
780
750
mA
mA
mA
mA
3. Not tested; guaranteed by characterization
4. Not tested; guaranteed by design


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn