전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV4269 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 NCV4269
상세설명  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4269 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button NCV4269_07 Datasheet HTML 4Page - ON Semiconductor NCV4269_07 Datasheet HTML 5Page - ON Semiconductor NCV4269_07 Datasheet HTML 6Page - ON Semiconductor NCV4269_07 Datasheet HTML 7Page - ON Semiconductor NCV4269_07 Datasheet HTML 8Page - ON Semiconductor NCV4269_07 Datasheet HTML 9Page - ON Semiconductor NCV4269_07 Datasheet HTML 10Page - ON Semiconductor NCV4269_07 Datasheet HTML 11Page - ON Semiconductor NCV4269_07 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCV4269
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
250
6
VI, (V)
IQ = 100 mA
8
10
12
1416
18
20
2224
26
1.6
010
20
40
50
IQ, (mA)
30
7
6
VI, (V)
IQ = 100 mA
6
5
4
3
2
1
0
IQ = 50 mA
IQ = 10 mA
VI, (V)
TJ = 125°C
TJ = 25°C
350
0
102030
40
50
300
250
200
150
100
50
0
12
020
40
80
120
IQ, (mA)
VI = 13.5 V
TJ = 25°C
10
8
6
4
2
0
Figure 13. Output Current Limit IQ vs. Input
Voltage VI
Figure 14. Current Consumption Iq vs. Output
Current IQ
Figure 15. Current Consumption Iq vs.
Output Current IQ
Figure 16. Quiescent Current Iq vs.
Input Voltage VI
60
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
VI = 13.5 V
TJ = 25°C
100
8
10
12
141618
20
2224
26
Figure 17. Quiescent Current Iq vs. Input Voltage VI
Figure 18. Output Stability, Capacitance ESR
vs. Output Load Current
200
150
100
50
TJ = 25°C
100
0
OUTPUT CURRENT IN MILLIAMPS
Unstable Region
for all caps
10
1
0.1
25
50
75
100
125
150
Stable Region for
0.1
mF to 10 mF
Stable Region for
1
mF to 10 mF
Unstable Region
for 0.1
mF ONLY
TJ = 125°C


유사한 부품 번호 - NCV4269_07

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269A ONSEMI-NCV4269A Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4269AD133R2G ONSEMI-NCV4269AD133R2G Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4269AD150G ONSEMI-NCV4269AD150G Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269AD150G ONSEMI-NCV4269AD150G Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
More results

유사한 설명 - NCV4269_07

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com