전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89S52-24AC 데이터시트(PDF) 14 Page - ATMEL Corporation

부품명 AT89S52-24AC
상세설명  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52-24AC 데이터시트(HTML) 14 Page - ATMEL Corporation

Back Button AT89S52-24AC Datasheet HTML 10Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 11Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 12Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 13Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 14Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 15Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 16Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 17Page - ATMEL Corporation AT89S52-24AC Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
14
1919C–MICRO–3/05
AT89S52
Figure 10-2. Timer 2 Auto Reload Mode (DCEN = 0)
Figure 10-3. Timer 2 Auto Reload Mode (DCEN = 1)
OSC
EXF2
TF2
T2EX PIN
T2 PIN
TR2
EXEN2
C/T2 = 0
C/T2 = 1
CONTR OL
RELO AD
CONTROL
TRANSITION
DETECTOR
TIMER 2
INTERRUPT
÷12
RCAP2L
RCAP2H
TH2
TL2
OVERFLOW
OSC
EXF2
TF2
T2EX PIN
COUNT
DIRECTION
1=UP
0=DOWN
T2 PIN
TR2
CONTROL
OVERFLOW
TOGGLE
TIMER 2
INTERRUPT
12
RCAP2L
RCAP2H
0FFH
0FFH
TH2
TL2
C/T2 = 0
C/T2 = 1
÷
(DOWN COUNTING RELOAD VALUE)
(UP COUNTING RELOAD VALUE)


유사한 부품 번호 - AT89S52-24AC

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT89S52-24AC ATMEL-AT89S52-24AC Datasheet
233Kb / 30P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

유사한 설명 - AT89S52-24AC

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com