전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV7361A 데이터시트(PDF) 24 Page - ON Semiconductor

부품명 NCV7361A
상세설명  Voltage Regulator with Integrated LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7361A 데이터시트(HTML) 24 Page - ON Semiconductor

Back Button NCV7361A_05 Datasheet HTML 20Page - ON Semiconductor NCV7361A_05 Datasheet HTML 21Page - ON Semiconductor NCV7361A_05 Datasheet HTML 22Page - ON Semiconductor NCV7361A_05 Datasheet HTML 23Page - ON Semiconductor NCV7361A_05 Datasheet HTML 24Page - ON Semiconductor NCV7361A_05 Datasheet HTML 25Page - ON Semiconductor NCV7361A_05 Datasheet HTML 26Page - ON Semiconductor NCV7361A_05 Datasheet HTML 27Page - ON Semiconductor NCV7361A_05 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
NCV7361A
http://onsemi.com
24
NC
VS
NCV7380*
BUS
GND
RxD
NC
VCC
TxD
+5 V
mP
VOUT
+
VIN
GND
100nF
1 k
220pF
VBAT
+
100
mF 100nF
100nF
100nF
VSUP
EN
NCV7361A
GND
BUS
VOUT
RESET
TxD
RxD
+
100nF
220pF
Master Node
100
mF
+5 V
mC
+
100
mF
100nF
Slave Node
Figure 37. Application Circuit for LIN Sub−Bus with NCV7361A as Slave Node
*Not representative of actual pinout.
100nF
1k


유사한 부품 번호 - NCV7361A_05

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV7361AD ONSEMI-NCV7361AD Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
NCV7361ADR2 ONSEMI-NCV7361ADR2 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
More results

유사한 설명 - NCV7361A_05

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
   LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
   Voltage Regulator with integrated LIN Transceiver
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
logo
ON Semiconductor
NCV7361 ONSEMI-NCV7361 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com